| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC4440 bảng dữ liệu(PDF) 3 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC4440 bảng dữ liệu(HTML) 3 Page - Linear Technology |
|
3 / 12 page ![]() 3 LTC4440 4440i The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VCC = VBOOST = 12V, VTS = GND = 0V, unless otherwise noted. ELECTRICAL CHARACTERISTICS Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: The LTC4440 is guaranteed to meet performance specifications from 0 °C to 70°C. Specifications over the –40°C to 85°C operating temperature range are assured by design, characterization and correlation with statistical process controls. Note 3: TJ is calculated from the ambient temperature TA and power dissipation PD according to the following formula: TJ = TA + (PD • θJA°C/W) Note 4: Failure to solder the exposed back side of the MS8E package to the PC board will result in a thermal resistance much higher than 40 °C/W. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS Output Gate Driver (TG) VOH High Output Voltage ITG = –10mA, VOH = VBOOST – VTG 0.7 V VOL Low Output Voltage ITG = 100mA q 150 220 mV IPU Peak Pull-Up Current q 1.7 2.4 A RDS Output Pull-Down Resistance q 1.5 2.2 Ω Switching Timing tr Output Rise Time 10% – 90%, CL = 1nF 10 ns 10% – 90%, CL = 10nF 100 ns tf Output Fall Time 10% – 90%, CL = 1nF 7 ns 10% – 90%, CL = 10nF 70 ns tPLH Output Low-High Propagation Delay q 30 65 ns tPHL Output High-Low Propagation Delay q 28 65 ns TYPICAL PERFOR A CE CHARACTERISTICS VCC Supply Quiescent Current vs Voltage VCC SUPPLY VOLTAGE (V) 0 0 50 100 150 200 300 510 4440 G01 15 250 INP = VCC INP = 0V TA = 25°C BOOST – TS SUPPLY VOLTAGE (V) 0 0 100 150 200 250 300 350 5 10 4440 G02 400 450 INP = 0V 500 50 15 INP = VCC TA = 25°C BOOST – TS SUPPLY VOLTAGE (V) 8 150 155 160 11 13 4440 G03 145 140 910 12 14 15 135 130 ITG = 100mA TA = 25°C BOOST – TS Supply Quiescent Current vs Voltage Output Low Voltage (VOL) vs Supply Voltage |