| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4414N bảng dữ liệu(PDF) 2 Page - ebm-papst |
|
|
|||||||||||||||||||||||||||||
4414N bảng dữ liệu(HTML) 2 Page - ebm-papst |
|
2 / 3 page ![]() 170 Speed signal /12 – Speed-proportional, square-wave signal for external monitoring of the fan motor speed – 2, 3, or 6 pulses per revolution – TTL-compatible – Integrated pull-up resistor – Connection via separate cable – The sensor signal also serves as a major comparison variable for setting and maintaining the setpoint speed for interactive or controlled cooling with one or more interconnected fans. Electrical hookup All voltages measured to ground. Type VDC mA VDC mA mA Page Signal data 614 N/12 GM £ 0.4 1 2.5–5.5 1 1 39 618 N/12 N £ 0.4 1 2.5–5.5 1 1 39 8412 N/12 H £ 0.4 1 2.5–5.5 1 1 44 4412 F/12 GM £ 0.4 1 2.5–5.5 1 1 53 4418 F/12 £ 0.4 1 2.5–5.5 1 1 53 4312 /12 M £ 0.4 1 2.5–5.5 1 1 56 4314 /12 £ 0.4 1 2.5–5.5 1 1 56 4182 N/12 X £ 0.4 1 2.5–5.5 1 1 60 Subject to change Note: With these fan options, deviations in regard to temperature range, voltage range and power consumption are possible compared with standard fan data. |