| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC080IP bảng dữ liệu(PDF) 42 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC080IP bảng dữ liệu(HTML) 42 Page - Texas Instruments |
|
42 / 52 page ![]() Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) TLC085AIN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC TLC085AINE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC TLC085AIPWP ACTIVE HTSSOP PWP 20 70 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR TLC085AIPWPR ACTIVE HTSSOP PWP 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR TLC085AIPWPRG4 ACTIVE HTSSOP PWP 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR TLC085CD ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC085CDR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC085CDRG4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC085CN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC TLC085CNE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC TLC085CPWP ACTIVE HTSSOP PWP 20 70 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR TLC085CPWPR ACTIVE HTSSOP PWP 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR TLC085CPWPRG4 ACTIVE HTSSOP PWP 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR TLC085ID ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC085IDG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC085IDR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC085IDRG4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC085IN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC TLC085INE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC TLC085IPWP ACTIVE HTSSOP PWP 20 70 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR TLC085IPWPG4 ACTIVE HTSSOP PWP 20 70 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR TLC085IPWPR ACTIVE HTSSOP PWP 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR TLC085IPWPRG4 ACTIVE HTSSOP PWP 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. PACKAGE OPTION ADDENDUM www.ti.com 13-Sep-2005 Addendum-Page 6 |