công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N/A bảng dữ liệu(PDF) 1 Page - Diodes Incorporated

tên linh kiện N/A
Giải thích chi tiết về linh kiện  75mA, 60V Low-side Adjustable Linear LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

N/A bảng dữ liệu(HTML) 1 Page - Diodes Incorporated

  N/A Datasheet HTML 1Page - Diodes Incorporated N/A Datasheet HTML 2Page - Diodes Incorporated N/A Datasheet HTML 3Page - Diodes Incorporated N/A Datasheet HTML 4Page - Diodes Incorporated N/A Datasheet HTML 5Page - Diodes Incorporated N/A Datasheet HTML 6Page - Diodes Incorporated N/A Datasheet HTML 7Page - Diodes Incorporated N/A Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AL5811EV1 User Guide
75mA, 60V Low-side Adjustable Linear LED Driver
AL5811EV1 Rev2
Page 1 of 8
January 2013
www.diodes.com
General Description
The AL5811 is an adjustable Linear LED
driver
offering
excellent
temperature
stability and output handling capability.
The AL5811 simplifies the design of linear
and isolated or non-isolated LED drivers by
setting the LED current with standard value
resistors.
The AL5811 has an open drain output that
can swing from 1V up to 60V enabling it
drive long LED chains. Its low 0.5V RSET pin
is outside of the LED current path and so
accuracy is maintained while minimizing
the required overhead to regulate the LED
current. This reduces its power dissipation
when compared to traditional linear LED
drivers. This makes it ideal for driving LEDs
up to 75mA. Longer LED chains can be
driven by tapping VCC from the chain,
where the chain voltage may exceed 60V.
The AL5811EV1 evaluation board provides
MSOP-8EP package.
Key Features
 Low Reference Voltage (VRSET=0.5V)
 -40˚C to 125˚C Temperature Range
 MSOP-8EP and U-DFN3030-6 packages
Applications
 Linear LED Driver
 Isolated Offline LED Converters
 LED Signs
 Instrumentation Illumination
Specifications
Parameter
Value
Input Voltage
3.5V – 60V (Low Side)
>60V (Floating GND)
LED Current
75mA (Adjustable)
XY Dimension
0.62” x 0.57”
ROHS Compliance
Yes
Top-View EVM (AL5811EV1)
AL5811EV1 (MSOP-8EP)
Connection Instructions
Input Voltage: Red Wire
Ground: Black Wires
LED: White Wire


Số phần tương tự - N/A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
N/A DIODES-N/A Datasheet
700Kb / 8P
75mA, 60V Low-side Adjustable Linear LED Driver
Rev 2
N/A DIODES-N/A Datasheet
828Kb / 8P
150mA, 60V Low-side Adjustable Linear LED Driver
Rev 2
N/A DIODES-N/A Datasheet
847Kb / 8P
150mA, 60V Low-side Adjustable Linear LED Driver
Rev 2
logo
Qorvo, Inc
N/A QORVO-N/A Datasheet
1Mb / 24P
75 25 dB CATV Amplifier (47 ??1218 MHz)
More results

Mô tả tương tự - N/A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sipex Corporation
SP7121 SIPEX-SP7121 Datasheet
452Kb / 11P
2-Channel Adjustable Low Dropout High Side Linear LED Driver
logo
Infineon Technologies A...
TLE4309 INFINEON-TLE4309 Datasheet
295Kb / 12P
Adjustable Linear Low Dropout LED Driver
Rev. 1.0, 2007-03-20
logo
Diodes Incorporated
AL5812 DIODES-AL5812 Datasheet
193Kb / 12P
60V, 150mA ADJUSTABLE LINEAR LED DRIVER
Rev 1
AL5811 DIODES-AL5811 Datasheet
366Kb / 13P
60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
Rev 1
AL5811EV2 DIODES-AL5811EV2 Datasheet
700Kb / 8P
75mA, 60V Low-side Adjustable Linear LED Driver
Rev 2
AL5812EV2 DIODES-AL5812EV2 Datasheet
828Kb / 8P
150mA, 60V Low-side Adjustable Linear LED Driver
Rev 2
AL5812EV3 DIODES-AL5812EV3 Datasheet
847Kb / 8P
150mA, 60V Low-side Adjustable Linear LED Driver
Rev 2
AL5811 DIODES-AL5811_16 Datasheet
432Kb / 14P
60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
Rev 3
AL5810Q DIODES-AL5810Q Datasheet
621Kb / 11P
ADJUSTABLE 60V LINEAR LED DRIVER
Rev 1
AL5810 DIODES-AL5810 Datasheet
932Kb / 13P
ADJUSTABLE 60V LINEAR LED DRIVER
Rev. 2 - 2 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com