công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PEWTR1002 bảng dữ liệu(PDF) 1 Page - Pasternack Enterprises, Inc.

tên linh kiện PEWTR1002
Giải thích chi tiết về linh kiện  1 Watt Low Power Commercial Grade WR-42 Waveguide Load 18 GHz to 26.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PASTERNACK [Pasternack Enterprises, Inc.]
Trang chủ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWTR1002 bảng dữ liệu(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWTR1002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWTR1002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWTR1002 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• WR-42
• 18 GHz to 26.5 GHz
• UG-595/U Square Cover Flange
• 1.02:1 Typical VSWR
• 1 Watt Average Power Handling
Applications
• Radar Systems
• Military and Space
• Wireless Radio Systems
• Telecom Infrastructure
• Communication Systems
• R&D Labs
• Microwave Radio Systems
.
Description
The PEWTR1002 is a WR-42 waveguide termination / load that operates in the frequency range of 18 GHz
to 26.5 GHz. This WR-42 waveguide termination has a typical VSWR of 1.02:1. These waveguide termina-
tion designs are made of painted brass copper and incorporate a standard UG-595/U Square Cover flanges.
Pasternack waveguide terminations / loads are designed so virtually all applied power is absorbed, thus assuring a low VSWR.
The power rating on this WR-42 termination is 1 watt, other detailed specifications and a diagram drawing can be found on this
datasheet PDF below. Pasternack offers a complete family of waveguide terminations that are in-stock for same day shipment.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
18
26.5
GHz
VSWR
1.02:1
Input Power (CW)
1
Watts
.
Mechanical Specifications
.
Weight
0.106 lbs [48.08 g]
.
Description
Flange
Waveguide
Designation
UG-595/U
WR-42
Type
Square Cover
Material
Brass
Brass
...
Environmental Specifications
.
PEWTR1002 REV 1.0
PEWTR1002
1 Watt Low Power Commercial Grade
WR-42 Waveguide Load 18 GHz to 26.5 GHz
Waveguide Terminations Technical Data Sheet
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 1 Watt Low Power Commercial Grade WR-42 Waveguide Load 18 GHz to 26.5 GHz
PEWTR1002


Số phần tương tự - PEWTR1002

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PEWTR1000 PASTERNACK-PEWTR1000 Datasheet
368Kb / 3P
0.5 Watts Low Power Commercial Grade WR-28 Waveguide Load 26.5 GHz to 40 GHz
PEWTR1001 PASTERNACK-PEWTR1001 Datasheet
368Kb / 3P
1 Watt Low Power Commercial Grade WR-34 Waveguide Load 22 GHz to 33 GHz
PEWTR1003 PASTERNACK-PEWTR1003 Datasheet
367Kb / 3P
1 Watt Low Power Commercial Grade WR-51 Waveguide Load 15 GHz to 22 GHz
PEWTR1004 PASTERNACK-PEWTR1004 Datasheet
369Kb / 3P
1.5 Watts Low Power Commercial Grade WR-62 Waveguide Load 12.4 GHz to 18 GHz
PEWTR1005 PASTERNACK-PEWTR1005 Datasheet
365Kb / 3P
2.5 Watts Low Power Commercial Grade WR-75 Waveguide Load 10 GHz to 15 GHz
More results

Mô tả tương tự - PEWTR1002

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE9813 PASTERNACK-PE9813 Datasheet
261Kb / 2P
WR-42 to 2.92mm Male Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9844 PASTERNACK-PE9844 Datasheet
279Kb / 2P
WR-42 to SMA Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9878 PASTERNACK-PE9878 Datasheet
233Kb / 2P
WR-42 to 2.92mm Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE6802 PASTERNACK-PE6802_16 Datasheet
773Kb / 3P
0.5 Watts Low Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PE6820 PASTERNACK-PE6820_17 Datasheet
213Kb / 2P
50 Watts Medium Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PEWTR1000 PASTERNACK-PEWTR1000 Datasheet
368Kb / 3P
0.5 Watts Low Power Commercial Grade WR-28 Waveguide Load 26.5 GHz to 40 GHz
PEWTR1001 PASTERNACK-PEWTR1001 Datasheet
368Kb / 3P
1 Watt Low Power Commercial Grade WR-34 Waveguide Load 22 GHz to 33 GHz
PEWTR1003 PASTERNACK-PEWTR1003 Datasheet
367Kb / 3P
1 Watt Low Power Commercial Grade WR-51 Waveguide Load 15 GHz to 22 GHz
PEWTR1004 PASTERNACK-PEWTR1004 Datasheet
369Kb / 3P
1.5 Watts Low Power Commercial Grade WR-62 Waveguide Load 12.4 GHz to 18 GHz
PE-W42TR1001 PASTERNACK-PE-W42TR1001 Datasheet
396Kb / 3P
6 Watts Instrumentation Grade WR-42 Waveguide Load 18 GHz to 26.5 GHz
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com