| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CYRF9935 bảng dữ liệu(PDF) 21 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
CYRF9935 bảng dữ liệu(HTML) 21 Page - Cypress Semiconductor |
|
21 / 47 page ![]() CYRF9935 Document Number: 001-88748 Rev. *G Page 21 of 47 RX FIFO Access We can access RX FIFO with SPI command, R_RX_PAYLOAD. We use the SPI command to read data from RX FIFO while IRQ is asserted and RX_DR status bit is set. In CYRF9935, RXer will not receive the packets when RX FIFO is full. SPI Command SPI Timing In general, a SPI Command consists of a command and data part in that order. The command part is used to represent the purpose of the SPI command. For example, in Figure 8, C7–C0 is the command part. D0, D1, D2, and so on are defined as the data part. Figure 8. SPI Read Timing Figure 9. SPI Write Timing Figure 10. SPI Timing Requirement SPI_nSS SCK MOSI MISO SPI_nSS SCK MOSI MISO SPI_SS CLK MOSI MISO TSCKH TSCKL TSSS TSSH TSSU TSHD TSDO TSDO1 TSDO2 TSCK TSS_SU |