| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PEWCT1051 bảng dữ liệu(PDF) 1 Page - Pasternack Enterprises, Inc. |
|
|
|||||||||||||||||||||||||||||
PEWCT1051 bảng dữ liệu(HTML) 1 Page - Pasternack Enterprises, Inc. |
|
1 / 5 page ![]() 1 The PEWCT1051 is a 50 dB WR-42 four port crossguide coupler with one coupled port terminated (making it a three port coupler) and a coax adapter on the opposite coupled port. This coupler can be mounted directly into the waveguide signal path, connected via coax to allow signal sampling /monitoring. The coupler has a typical VSWR of 1.05:1 and are made of bronze with brass UG-595/U Square Cover flanges. The PEWCT1051 is part of a family of cross guide couplers offered by Pasternack with coupling values ranging from 20 to 50 dB. There is also a full family of top wall (broad wall) couplers. For the three port version of this coupler (terminated but no coax adapter) please see the PEWCT1007. For the four port version of this coupler (no termination, no coax adapter) please see the PEWCP1042. Features • Three Port • Crossguide Waveguide Coupler • Terminated • 50 dB Nominal Coupling Level • SMA Female Coax Adapter • 18 GHz to 26.5 GHz Frequency Range • Waveguide Body made of Bronze with Brass Flanges • Low VSWR Applications • Test Benches • Radar • Satellite • Microwave Radio • Attenuation Measurements • Power Measurements • Source Leveling Electrical Specifications Description Minimum Typical Maximum Units Frequency Range 18 26.5 GHz Impedance 50 Ohms Coupler Nominal Coupling Level 50 dB Directivity 10 dB Insertion Loss 0.1 dB Main Line VSWR 1.05:1 Termination Input Power (CW) 1 Watts Waveguide to Coax Adapters VSWR 1.25:1 . Mechanical Specifications . Interface Waveguide Size WR-42 Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications: WR-42 Waveguide 50 dB Crossguide Coupler, UG-595/U Square Cover Flange, SMA Female Coupled Port, 18 GHz to 26.5 GHz, Bronze PEWCT1051 PEWCT1051 REV 1.0 WR-42 Waveguide 50 dB Crossguide Coupler, UG-595/U Square Cover Flange, SMA Female Coupled Port, 18 GHz to 26.5 GHz, Bronze Waveguide Couplers Assemblies Technical Data PEWCT1051 |
Số phần tương tự - PEWCT1051 |
|
Mô tả tương tự - PEWCT1051 |