công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPRND4100RA5C6 bảng dữ liệu(PDF) 2 Page - Token Electronics Industry Co., Ltd.

tên linh kiện UPRND4100RA5C6
Giải thích chi tiết về linh kiện  High Precision Network Voltage Divider
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOKEN [Token Electronics Industry Co., Ltd.]
Trang chủ  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UPRND4100RA5C6 bảng dữ liệu(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  UPRND4100RA5C6 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UPRND4100RA5C6 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UPRND4100RA5C6 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. UPRND4100RA5C6 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. UPRND4100RA5C6 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. UPRND4100RA5C6 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 1/5
Product Introduction
Features :
 UPRND: Parallel dip type; UPRNS: Serial dip
type.
 Any value available within resistance range.
 Lead (Pb)-free and RoHS compliant.
 Precision tolerance tight to A2(±0.02%).
 Metal film precision networks, excellent
stability and reliability.
 Superior TCR narrowed to Absolute C7(±5
ppm/℃), Relative C10(±2 ppm/℃).
Applications :
 Industrial, Precision Bypass, Divider.
 Medical, Test and Measurement Equipment.
 Electron Beam (EB) Applications Scanning.
 Recording Equipment, Electron Microscopes.
 Military, airborne, High precision instrumentation.
 Precision Amplifiers, Audio (High End Stereo
Equipment).
The Precision Thin-Film Network technology provides a
significant reduction of the resistive component's sensitivity
to ambient temperature variations (TCR).
Designers can now guarantee a high degree of stability and
accuracy in fixed-resistor applications using solutions based
on Token's revolutionary Network technology. This
technology allows customer orientated products, designed to
satisfy challenging and specific technical requirements.
Precision Network Resistors UPRND Series meets Lead
(Pb)-free and RoHS compliant. Known for providing design engineers with a comprehensive range of
industrial-qualified resistive devices, Token Electronics has further expanded its precision product
capabilities in Serial UPRNS and Parallel UPRND Series.
Providing design engineers with an economical power resistor with high quality performance, Token
Electronics offers low cost industrial grade Parallel UPRND and Serial UPRNS Networks.
Token's UPRND/UPRNS Series are assembled by EE/RE 1/10 series to form a stable, high precision
thin-film network. Characteristic of UPRND Series meet extreme low temperature coefficient.
Parallel UPRND Series equate IRC, EBG Precision Devices with fast delivery and more competitive
price. For non-standard technical requirements and special applications, please contact us. Besides,
you can link to Token official website "Precision Resistors" to get more information.
Token's (UPRND) high precision voltage divider networks
sharpen the edge of application accuracy.



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com