| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SI2178 bảng dữ liệu(PDF) 2 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
SI2178 bảng dữ liệu(HTML) 2 Page - Silicon Laboratories |
|
2 / 2 page ![]() Hybrid TV Tuner Copyright © 2012 by Silicon Laboratories 6.25.2012 Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc. Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders Si2178 Worldwide Digital and Analog TV Tuner with Analog Demodulator Application Example: Integrated Digital TV (iDTV) Selection Guide Part # Description Si2178 Worldwide hybrid TV tuner with analog demodulator for NTSC, PAL/SECAM, ATSC/QAM, DVB-T2/T/C2/C, ISDB-T/C, DTMB Pin Assignments GND PAD 23 24 25 18 19 20 21 10 11 12 13 2 3 4 5 26 27 17 9 6 16 14 7 28 VDD_L DLIF_P DLIF_N SIF RSTB RF_IP ADDR VDD_H RF_IN RF_SHLD CVBS AGC1 1 22 15 8 VDD_D RF_REF 4x4 mm QFN-28 Package Information 4X cx c eee CA B f A B C SE ATI NG PLAN E DE TAI L "A" PIN#1 I .D. (LA SER M AR K) Pi n # 1 ID e Symbol Min Nom Max Unit A 0.800.850.90 mm D, E 4.00 BSC mm e 0.50 BSC mm f 3.50 BSC mm |