công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE7158 bảng dữ liệu(PDF) 2 Page - Pasternack Enterprises, Inc.

tên linh kiện PE7158
Giải thích chi tiết về linh kiện  DPDT Electromechanical Relay Pulse Latching Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PASTERNACK [Pasternack Enterprises, Inc.]
Trang chủ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7158 bảng dữ liệu(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7158 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7158 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7158 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 4
4 to 8
8 to 12.4
12.4 to 18
GHz
VSWR, Max
1.2:1
1.3:1
1.4:1
1.5:1
Insertion Loss, Max
0.2
0.3
0.4
0.5
dB
Isolation, Min
80
70
60
60
dB
Input Power, Typ (CW)
85
55
45
35
Watts
.
Mechanical Specifications
Size
Length
2.37 in [60.2 mm]
Width/Diameter
1.75 in [44.45 mm]
Height
1.75 in [44.45 mm]
.
Weight
0.28 lbs [127.01 g]
Body Material and Plating
Aluminum, Black Anodized
Package Type
Connectorized Module
.
Operating Life
1,000,000 Cycles
Switching Time
15 ms Max
Connectors
RF Connector Type
SMA Female
RF Connector Contact Material and Plating
Beryllium Copper, Gold
RF Connector Body Material and Plating
Passivated Stainless Steel
Control Connector
Solder Terminals
Mechanical Specification Notes:
RF Connector mating requirements per MIL-C-39012
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Storage Range
-55 to +100 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2014
Plotted and Other Data
Notes:
PE7158 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SP4T Electromechanical Relay Normally Open Switch DC to 18 GHz, SMA, 35 Watts, 28V
Control PE7158
Electromechanical Relay Switches Technical Data
PE7158
SP4T Electromechanical Relay Normally Open Switch
DC to 18 GHz, SMA, 35 Watts, 28V Control



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com