| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SFH4259 bảng dữ liệu(PDF) 12 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SFH4259 bảng dữ liệu(HTML) 12 Page - OSRAM GmbH |
|
12 / 13 page ![]() 2016-09-23 12 Version 1.6/ OS-IN-2015-033 SFH 4259 Glossary 1) Thermal resistance: junction -ambient, mounted on PC-board (FR4), padsize 16 mm2 each 2) Thermal resistance: junction - soldering point, of the device only, mounted on an ideal heatsink (e.g. metal block) 3) Typical Values: Due to the special conditions of the manufacturing processes of LED, the typical data or calculated correlations of technical parameters can only reflect statistical figures. These do not necessarily correspond to the actual parameters of each single product, which could differ from the typical data and calculated correlations or the typical characteristic line. If requested, e.g. because of technical improvements, these typ. data will be changed without any further notice. |