công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RAC02-3.3SE bảng dữ liệu(PDF) 3 Page - Recom International Power

tên linh kiện RAC02-3.3SE
Giải thích chi tiết về linh kiện  35mW max. No Load Power Consumption
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECOM [Recom International Power]
Trang chủ  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC02-3.3SE bảng dữ liệu(HTML) 3 Page - Recom International Power

  RAC02-3.3SE Datasheet HTML 1Page - Recom International Power RAC02-3.3SE Datasheet HTML 2Page - Recom International Power RAC02-3.3SE Datasheet HTML 3Page - Recom International Power RAC02-3.3SE Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PA-3
REV.: 8/2017
www.recom-power.com
AC/DC Converter
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range (6)
230VAC, with derating (see graph)
-40°C to +85°C
Maximum Case Temperature
+105°C
Thermal Impedance
8.5°C/W typ.
Humidity
non-condensing
5% - 95%, RH max.
Vibration
MIL-STD-202G
MTBF (7)
MIL-HDBK-217F G.B., +25°C
115VAC
230VAC
2238 x 103 hours
1670 x 103 hours
-40
60
70 75 80
85
90
100
50
40
30
20
10
0
-20
-25
0
20
40
60
50
80
100
Ambient Temperature [°C]
@ 85-140VAC
3.3V and 5V
all other models
-40
60
70
75
80
85
90
100
50
40
30
20
10
0
-20
0
20
40
60
50
80
100
Ambient Temperature [°C]
@ 140-305VAC
all models
Derating Graph
Specifications (measured @ ta= 25°C, nominal input voltage (115/230VAC), full load and after warm-up)
RAC02-SE/277
Series
Notes:
Note6: At low input voltage (85-140VAC) and temperature below -25°C the RAC02-3.3SE/277 and RAC02-05SE/277, will not start.
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Information Technology Equipment, General Requirements for Safety (LVD)
LVD1208051
IEC60950-1, 2nd Edition, 2009
EN60950-1, 2nd Edition, 2011
Information Technology Equipment, General Requirements for Safety
E224736-X1-A24
UL60950-1, 2nd Edition, 2014
CAN/CSA C22.2 No. 60950-1-07, 2nd Edition 2014
Household and similar electrical appliances, General requirements
L0339L26-B2
EN60335-1, 2014
EMC Compliance
Condition
Standard / Criterion
Information technology equipment - Radio disturbance
characteristics - Limits and methods of measurement
Report: 1502CE17
EN55022, Class B
EN55024
ESD Electrostatic discharge immunity test
±8kV Air Discharge; ±6kV Contact
EN61000-4-2, Criteria B
Radiated, radio-frequency, electromagnetic field immunity test
3V/m
EN61000-4-3, Criteria A
Fast Transient and Burst Immunity
AC Power Port: ±1kV
EN61000-4-4, Criteria B
Surge Immunity
AC Power Port: line to line: ±1kV
EN61000-4-5, Criteria B
Immunity to conducted disturbances, induced by radio-frequency fields
AC Power Port: 3V/m
EN61000-4-6, Criteria A
Power Magnetic Field Immunity
1 A/m
EN61000-4-8, Criteria A
Voltage Dips and Interruption
Voltage Dips: >95% reduction
>30% reduction
Interruption: >95%
EN61000-4-11, Criteria B
EN61000-4-11, Criteria C
EN61000-4-11, Criteria C
Voltage Fluctuations and Flicker in Public Low-Voltage Systems
EN61000-3-3



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com