công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC755CVGU400LE bảng dữ liệu(PDF) 49 Page - ATMEL Corporation

tên linh kiện PC755CVGU400LE
Giải thích chi tiết về linh kiện  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CVGU400LE bảng dữ liệu(HTML) 49 Page - ATMEL Corporation

Back Button PC755CVGU400LE Datasheet HTML 42Page - ATMEL Corporation PC755CVGU400LE Datasheet HTML 43Page - ATMEL Corporation PC755CVGU400LE Datasheet HTML 44Page - ATMEL Corporation PC755CVGU400LE Datasheet HTML 45Page - ATMEL Corporation PC755CVGU400LE Datasheet HTML 46Page - ATMEL Corporation PC755CVGU400LE Datasheet HTML 47Page - ATMEL Corporation PC755CVGU400LE Datasheet HTML 48Page - ATMEL Corporation PC755CVGU400LE Datasheet HTML 49Page - ATMEL Corporation PC755CVGU400LE Datasheet HTML 50Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
49
PC755/745
2138D–HIREL–06/03
Life Support
Applications
These products are not designed for use in life support appliances, devices, or systems
where malfunction of these products can reasonably be expected to result in personal
injury. Atmel customers using or selling these products for use in such applications do
so at their own risk and agree to fully indemnity Atmel for any damages resulting from
such improper use or sale.
Differences with
Commercial Part
Ordering Information
Note:
For availability of different versions, contact your Atmel sales office.
Commercial part
Military part
Temperature range
T
j = 0 to 105°C
T
j = -55°C to 125°C
PC755C
M
ZF
U
300
L
x
Type
Package:
ZF: FC-PBGA
G: CBGA
GS: CI-CGA
GH: HiTCE
Screening Level(1)
U: Upscreening Test
Revision Level(1)
E: Rev. 2.8
Temperature Range: Tj
M: -55 C, +125 C
V: -40 C, +110 C
Bus divider
(to be confirmed)
L: Any valid PLL configuration
Max internal processor speed
300: 300 MHz
350: 350 MHz
366: 366 MHz
400: 400 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com