công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC755CVZFU366LE bảng dữ liệu(PDF) 19 Page - ATMEL Corporation

tên linh kiện PC755CVZFU366LE
Giải thích chi tiết về linh kiện  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CVZFU366LE bảng dữ liệu(HTML) 19 Page - ATMEL Corporation

Back Button PC755CVZFU366LE Datasheet HTML 15Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 16Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 17Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 18Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 19Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 20Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 21Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 22Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
19
PC755/745
2138D–HIREL–06/03
Thermal Management
Information
This section provides thermal management information for the ceramic ball grid array
(BGA) package for air-cooled applications. Proper thermal control design is primarily
dependent upon the system-level design-the heat sink, airflow and thermal interface
material. To reduce the die-junction temperature, heat sinks may be attached to the
package by several methods-adhesive, spring clip to holes in the printed-circuit board or
package, and mounting clip and screw assembly; see Figure 7. This spring force should
not exceed 5.5 pounds of force.
Figure 7. Package Exploded Cross-Sectional View with Several Heat Sink Options
Ultimately, the final selection of an appropriate heat sink depends on many factors, such
as thermal performance at a given air velocity, spatial volume, mass, attachment
method, assembly, and cost.
Adhesive
or
Thermal Interface Material
Heat Sink
Heat Sink
Clip
Printed ± Circuit Board
Option
BGA Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com