| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT45F3830 bảng dữ liệu(PDF) 92 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F3830 bảng dữ liệu(HTML) 92 Page - Holtek Semiconductor Inc |
|
92 / 149 page ![]() Rev. 1.10 9� �an�a�� 0�� �01� Rev. 1.10 93 �an�a�� 0�� �01� HT45F3830 Ultrasonic Atomizer Flash MCU HT45F3830 Ultrasonic Atomizer Flash MCU IfthePTnCCLRbitinthePTMnC1registerishighthenthecounterwillbeclearedwhenacompare matchoccursfromComparatorA.However,hereonlythePTMnAFinterruptrequestflagwill begeneratedevenifthevalueoftheCCRPbitsislessthanthatoftheCCRAregisters.Therefore whenPTnCCLRishighnoPTMnPFinterruptrequestflagwillbegenerated.IntheCompareMatch OutputMode,theCCRAcannotbeclearedtozero. IftheCCRAbitsareallzero,thecounterwilloverflowwhenitsreachesitsmaximum10-bit,3FF Hex,value,howeverherethePTMnAFinterruptrequestflagwillnotbegenerated. Asthenameofthemodesuggests,afteracomparisonismade,thePTMnoutputpin,willchange state.ThePTMnoutputpinconditionhoweveronlychangesstatewhenaPTMnAFinterruptrequest flagisgeneratedafteracomparematchoccursfromComparatorA.ThePTMnPFinterruptrequest flag,generatedfromacomparematchoccursfromComparatorP,willhavenoeffectonthePTMn outputpin.ThewayinwhichthePTMnoutputpinchangesstatearedeterminedbytheconditionof thePTnIO1andPTnIO0bitsinthePTMnC1register.ThePTMnoutputpincanbeselectedusing thePTnIO1andPTnIO0bitstogohigh,togolowortotogglefromitspresentconditionwhena comparematchoccursfromComparatorA.TheinitialconditionofthePTMnoutputpin,whichis setupafterthePTnONbitchangesfromlowtohigh,issetupusingthePTnOCbit.Notethatifthe PTnIO1andPTnIO0bitsarezerothennopinchangewilltakeplace. Counter Value 0x3FF CCRP CCRA PTnON PTnPAU PTnPOL CCRP Int. Flag PTMnPF CCRA Int. Flag PTMnAF PTMn O/P Pin Time CCRP=0 CCRP > 0 Co�nte� ove�flow CCRP > 0 Co�nte� clea�ed b� CCRP val�e Pa�se Res�me Stop Co�nte� Resta�t PTnCCLR = 0; PTnM[1:0] = 00 O�tp�t pin set to initial Level Low if PTnOC=0 O�tp�t Toggle with PTMnAF flag Note PTnIO [1:0] = 10 Active High O�tp�t select He�e PTnIO [1:0] = 11 Toggle O�tp�t select O�tp�t not affected b� PTMnAF flag. Remains High �ntil �eset b� PTnON bit O�tp�t Pin Reset to Initial val�e O�tp�t cont�olled b� othe� pin-sha�ed f�nction O�tp�t Inve�ts when PTnPOL is high Compare Match Output Mode – PTnCCLR=0 (n=0 or 1) Note:1.WithPTnCCLR=0aComparatorPmatchwillclearthecounter 2.ThePTMnoutputpiniscontrolledonlybythePTMnAFflag 3.TheoutputpinisresettoitsinitialstatebyaPTnONbitrisingedge |