công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSOP593 bảng dữ liệu(PDF) 7 Page - Vishay Siliconix

tên linh kiện TSOP593
Giải thích chi tiết về linh kiện  IR Receiver Modules for Remote Control Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP593 bảng dữ liệu(HTML) 7 Page - Vishay Siliconix

Back Button TSOP593 Datasheet HTML 3Page - Vishay Siliconix TSOP593 Datasheet HTML 4Page - Vishay Siliconix TSOP593 Datasheet HTML 5Page - Vishay Siliconix TSOP593 Datasheet HTML 6Page - Vishay Siliconix TSOP593 Datasheet HTML 7Page - Vishay Siliconix TSOP593 Datasheet HTML 8Page - Vishay Siliconix TSOP593 Datasheet HTML 9Page - Vishay Siliconix TSOP593 Datasheet HTML 10Page - Vishay Siliconix TSOP593 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SMD Tape and Reel
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 17-Aug-17
1
Document Number: 80125
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Tape and Reel Standards for Surface-Mount IR Receiver Modules
Vishay Semiconductor surface-mount IR receivers are
packaged on tape and reel. The following specification is
based on IEC publication 286, which takes the industrial
requirements for automatic insertion into account.
Absolute maximum ratings, mechanical dimensions, optical
and electrical characteristics for taped devices are identical
to the basic catalog types and can be found in the
specifications for untaped devices.
PACKAGING
The tapes of components are available on reels. Each reel is
marked with labels which contain the following information:
- Vishay
- Type
- Group
- Tape code, normally part of type name
- Production code
- Quantity
MISSING COMPONENTS
Up to 3 consecutive components may be missing if the gap
is followed by at least 6 components. A maximum of 0.5 %
of the components per reel quantity may be missing. At least
5 empty positions are present at the start and the end of the
tape to enable tape insertion.
Tensile strength of the tape: > 15 N
NUMBER OF COMPONENTS
A. Panhead: quantity per reel:
TT, top view package, 1190 pcs
TR, side view package, 1120 pcs
B. Heimdall: quantity per reel:
TT, top view package, 2200 pcs
TR, side view package, 2300 pcs
C. Heimdall without lens: quantity per reel:
WTT, top view package, 2200 pcs
WTR, side view package, 2300 pcs
D. Belobog: quantity per reel:
TT1, top view package, 1800 pcs
TT2, top view package, 7000 pcs
E. Belobog with shield: quantity per reel:
TT1, top view package, 1500 pcs
TT2, top view package, 5000 pcs
F. Minimold DF1P: quantity per reel:
DF1P, 1100 pcs
G. TVCastSMD TR1: quantity per reel:
TR1, side view package, 2000 pcs
ORDER DESIGNATION
The type designation of the device is extended by
TT or TT1 for top view or TR for side view.
Example:
TSOP6238TR (reel packing)
TSOP75238TR (reel packing)
TSOP75338WTT (reel packing)
TSOP57438TT1 (reel packing)
TSOP57238HTT1 (reel packing)
TSOP39438TR1 (reel packing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com