công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSOP392 bảng dữ liệu(PDF) 5 Page - Vishay Siliconix

tên linh kiện TSOP392
Giải thích chi tiết về linh kiện  0IR Receiver Modules for Remote Control Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP392 bảng dữ liệu(HTML) 5 Page - Vishay Siliconix

  TSOP392 Datasheet HTML 1Page - Vishay Siliconix TSOP392 Datasheet HTML 2Page - Vishay Siliconix TSOP392 Datasheet HTML 3Page - Vishay Siliconix TSOP392 Datasheet HTML 4Page - Vishay Siliconix TSOP392 Datasheet HTML 5Page - Vishay Siliconix TSOP392 Datasheet HTML 6Page - Vishay Siliconix TSOP392 Datasheet HTML 7Page - Vishay Siliconix TSOP392 Datasheet HTML 8Page - Vishay Siliconix TSOP392 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TSOP392.., TSOP394..
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 14-Dec-17
5
Document Number: 82778
For technical questions, contact: IRR@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SUITABLE DATA FORMAT
This series is designed to suppress spurious output pulses
due to noise or disturbance signals. The devices can
distinguish data signals from noise due to differences in
frequency, burst length, and envelope duty cycle. The data
signal should be close to the device’s band-pass center
frequency (e.g. 38 kHz) and fulfill the conditions in the table
below
When a data signal is applied to the product in the presence
of a disturbance, the sensitivity of the receiver is
automatically reduced by the AGC to insure that no spurious
pulses are present at the receiver’s output.
Some examples which are suppressed are:
• DC light (e.g. from tungsten bulbs sunlight)
• Continuous signals at any frequency
• Strongly or weakly modulated pattern from fluorescent
lamps with electronic ballasts (see Fig. 14 or Fig. 15)
Fig. 14 - IR Disturbance from Fluorescent Lamp
with Low Modulation
Fig. 15 - IR Disturbance from Fluorescent Lamp
with High Modulation
Note
• For data formats with short bursts please see the datasheet for TSOP393.., TSOP395..
10
100
1000
10000
0
50
100
250
300
020
Axis Title
Time (ms)
15
10
5
200
150
16920
10
100
1000
10000
0
50
100
250
300
020
Axis Title
Time (ms)
15
10
5
200
150
16921
TSOP392..
TSOP394..
Minimum burst length
10 cycles/burst
10 cycles/burst
After each burst of length
a minimum gap time is required of
10 to 70 cycles
≥ 10 cycles
10 to 35 cycles
≥ 10 cycles
For bursts greater than
a minimum gap time in the data stream is needed of
70 cycles
> 4 x burst length
35 cycles
> 10 x burst length
Maximum number of continuous short bursts/second
1800
1500
NEC code
Yes
Preferred
RC5 / RC6 code
Yes
Preferred
Thomson 56 kHz code
Yes
Preferred
Sharp code
Yes
Preferred
Suppression of interference from fluorescent lamps
Mild disturbance patterns
are suppressed (example:
signal pattern of Fig. 13)
Complex and critical disturbance patterns
are suppressed (example: signal pattern
of Fig. 14 or highly dimmed LCDs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com