công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VDP3112B bảng dữ liệu(PDF) 12 Page - Micronas

tên linh kiện VDP3112B
Giải thích chi tiết về linh kiện  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONAS [Micronas]
Trang chủ  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3112B bảng dữ liệu(HTML) 12 Page - Micronas

Back Button VDP3112B Datasheet HTML 8Page - Micronas VDP3112B Datasheet HTML 9Page - Micronas VDP3112B Datasheet HTML 10Page - Micronas VDP3112B Datasheet HTML 11Page - Micronas VDP3112B Datasheet HTML 12Page - Micronas VDP3112B Datasheet HTML 13Page - Micronas VDP3112B Datasheet HTML 14Page - Micronas VDP3112B Datasheet HTML 15Page - Micronas VDP3112B Datasheet HTML 16Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
VDP 31xxB
PRELIMINARY DATA SHEET
12
Micronas
cross-color components, as well as cross-luminance.
The loss of vertical resolution in the luminance channel
is compensated by adding the vertical detail signal with
removed color information.
Chroma
Notch
filter
8
Chroma
Process.
CVBS
Y
1 H
Delay
8
CVBS
Chroma
Process.
Notch
filter
Y
8
Chroma
Process.
Luma
Y
8
a) conventional
b) S-VHS
d) comb filter
Fig. 2–7: NTSC color decoding options
C C
r b
C C
r b
C C
r b
Notch
filter
1 H
Delay
8
Chroma
Process.
CVBS
Y
c) compensated
C C
r b
Chroma
Notch
filter
1 H
Delay
8
Chroma
Process.
CVBS
Y
8
Chroma
Process.
Luma
Y
8
1 H
Delay
a) conventional
b) S-VHS
Fig. 2–8: PAL color decoding options
C C
r b
C C
r b
MUX
Notch
filter
1 H
Delay
8
Chroma
Process.
CVBS
Y
Fig. 2–9: SECAM color decoding
C C
r b
2.3.8. Luminance Notch Filter
If a composite video signal is applied, the color informa-
tion is suppressed by a programmable notch filter. The
position of the filter center frequency depends on the
subcarrier frequency for PAL/NTSC. For SECAM, the
notch is directly controlled by the chroma carrier fre-
quency. This considerably reduces the cross-lumi-
nance. The frequency responses for all three systems
are shown in Fig. 2–10.
PAL/NTSC notch filter
dB
MHz
10
02
4
6
8
10
0
–10
–20
–30
–40
dB
MHz
10
02
4
6
8
10
0
–10
–20
–30
–40
Fig. 2–10: Frequency responses of the luma
notch filter for PAL, NTSC, and SECAM
SECAM notch filter
2.3.9. Skew Filtering
The system clock is free-running and not locked to the
TV line frequency. Therefore, the ADC sampling pattern
is not orthogonal. The decoded YCrCb signals are con-
verted to an orthogonal sampling raster by the skew fil-
ters, which are part of the scaler block.
The skew filters allow the application of a group delay to
the input signals without introducing waveform or fre-
quency response distortion.
The amount of phase shift of this filter is controlled by the
horizontal PLL1. The accuracy of the filters is 1/32
clocks for luminance and 1/4 clocks for chroma. Thus
the 4:2:2 YCrCb data is in an orthogonal pixel format
even in the case of nonstandard input signals such as
VCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com