| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OVTL09LG3W bảng dữ liệu(PDF) 5 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
OVTL09LG3W bảng dữ liệu(HTML) 5 Page - TT Electronics. |
|
5 / 14 page ![]() Issue B.2 07/08 Page 5 of 14 OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com Lednium Series Optimal X OVTL09LG3 Series OVTL09LG3R (RED) (IF = 1.05A) Dominant Wavelength 620-630nm Forward Voltage (VF) 350 V1 V2 R1 Standard Bins Lamps are sorted to luminous flux (Φ) and forward voltage (VF) bins shown. Orders may be filled with any or all bins contained as below. OVTL09LG3W (COOL WHITE) (IF = 1.05A) Typical CCT 7000°K (±600°K) OVTL09LG3WD (DAYLIGHT WHITE) (IF = 1.05 A) Typical CCT 5800°K (±600°K) 400 7.0 8.0 6.0 R2V1 R2V2 R1V1 R1V2 450 R2 V3 V4 C2V3 C2V4 C1V3 C1V4 C1 C2 Forward Voltage (VF) 9.5 10.5 11.5 500 550 600 V3 V4 D1 Forward Voltage (VF) 10.5 11.5 9.5 D2V3 D2V4 D1V3 D1V4 500 550 600 D2 OVTL01LGAWW and OVTL01LGAWWS (WARM WHITE) (IF = 350 mA) Typical CCT 3500°K (±300°K) V3 V4 W2V3 W2V4 W1V3 W1V4 W1 W2 Forward Voltage (VF) 9.5 10.5 11.5 400 450 500 |