| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMCG43 bảng dữ liệu(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
SMCG43 bảng dữ liệu(HTML) 2 Page - Microsemi Corporation |
|
2 / 4 page ![]() SURFACE MOUNT 1500 Watt Transient Voltage Suppressor Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 2 Copyright 2005 2-23-05 REV C SCOTTSD A L E DIVISION SMCJ5.0 thru SMCJ170CA and SMCG5.0 thru SMCG170CA ELECTRICAL CHARACTERISTICS @ 25oC MICROSEMI PART NUMBER BREAKDOWN VOLTAGE V(BR) @ I(BR) Volts GULL-WING LEAD MODIFIED “J” BEND LEAD REVERSE STAND-OFF VOLTAGE VWM Volts MIN. MAX. I(BR) mA MAXIMUM CLAMPING VOLTAGE @ IPP Volts PEAK PULSE CURRENT (See Fig. 2) IPP Amps MAXIMUM STANDBY CURRENT @ VWM ID µA SMCG5.0 SMCG5.0A SMCG6.0 SMCG6.0A SMCJ5.0 SMCJ5.0A SMCJ6.0 SMCJ6.0A 5.0 5.0 6.0 6.0 6.40 – 7.30 6.40 – 7.00 6.67 – 8.15 6.67 – 7.37 10 10 10 10 9.6 9.2 11.4 10.3 156.2 163.0 131.6 145.6 1000 1000 1000 1000 SMCG6.5 SMCG6.5A SMCG7.0 SMCG7.0A SMCJ6.5 SMCJ6.5A SMCJ7.0 SMCJ7.0A 6.5 6.5 7.0 7.0 7.22 – 8.82 7.22 – 7.98 7.78 – 9.51 7.78 – 8.60 10 10 10 10 12.3 11.2 13.3 12.0 122.0 133.9 112.8 125.0 500 500 200 200 SMCG7.5 SMCG7.5A SMCG8.0 SMCG8.0A SMCJ7.5 SMCJ7.5A SMCJ8.0 SMCJ8.0A 7.5 7.5 8.0 8.0 8.33 – 10.2 8.33 – 9.21 8.89 – 10.9 8.89 – 9.83 1 1 1 1 14.3 12.9 15.0 13.6 104.9 116.3 100.0 110.3 100 100 50 50 SMCG8.5 SMCG8.5A SMCG9.0 SMCG9.0A SMCJ8.5 SMCJ8.5A SMCJ9.0 SMCJ9.0A 8.5 8.5 9.0 9.0 9.44 – 11.5 9.44 – 10.4 10.0 – 12.2 10.0 – 11.1 1 1 1 1 15.9 14.4 16.9 15.4 94.3 104.2 88.7 97.4 20 20 10 10 SMCG10 SMCG10A SMCG11 SMCG11A SMCJ10 SMCJ10A SMCJ11 SMCJ11A 10 10 11 11 11.1 – 13.6 11.1 – 12.3 12.2 – 14.9 12.2 – 13.5 1 1 1 1 18.8 17.0 20.1 18.2 79.8 88.2 74.6 82.4 5 5 5 5 SMCG12 SMCG12A SMCG13 SMCG13A SMCJ12 SMCJ12A SMCJ13 SMCJ13A 12 12 13 13 13.3 – 16.3 13.3 – 14.7 14.4 – 17.6 14.4 – 15.9 1 1 1 1 22.0 19.9 23.8 21.5 68.2 75.3 63.0 69.7 5 5 1 1 SMCG14 SMCG14A SMCG15 SMCG15A SMCJ14 SMCJ14A SMCJ15 SMCJ15A 14 14 15 15 15.6 – 19.1 15.6 – 17.2 16.7 – 20.4 16.7 – 18.5 1 1 1 1 25.8 23.2 26.9 24.4 58.1 64.7 55.8 61.5 1 1 1 1 SMCG16 SMCG16A SMCG17 SMCG17A SMCJ16 SMCJ16A SMCJ17 SMCJ17A 16 16 17 17 17.8 – 21.8 17.8 – 19.7 18.9 – 23.1 18.9 – 20.9 1 1 1 1 28.8 26.0 30.5 27.6 52.1 57.7 49.2 53.3 1 1 1 1 SMCG18 SMCG18A SMCG20 SMCG20A SMCJ18 SMCJ18A SMCJ20 SMCJ20A 18 18 20 20 20.0 – 24.4 20.0 – 22.1 22.2 – 27.1 22.2 – 24.5 1 1 1 1 32.2 29.2 35.8 32.4 46.6 51.4 41.9 46.3 1 1 1 1 SMCG22 SMCG22A SMCG24 SMCG24A SMCJ22 SMCJ22A SMCJ24 SMCJ24A 22 22 24 24 24.4 – 29.8 24.4 – 26.9 26.7 – 32.6 26.7 – 29.5 1 1 1 1 39.4 35.5 43.0 38.9 38.1 42.2 34.9 38.6 1 1 1 1 SMCG26 SMCG26A SMCG28 SMCG28A SMCJ26 SMCJ26A SMCJ28 SMCJ28A 26 26 28 28 28.9 – 35.3 28.9 – 31.9 31.1 – 38.0 31.1 – 34.4 1 1 1 1 46.6 42.1 50.0 45.4 32.2 35.6 30.0 33.0 1 1 1 1 SMCG30 SMCG30A SMCG33 SMCG33A SMCJ30 SMCJ30A SMCJ33 SMCJ33A 30 30 33 33 33.3 – 40.7 33.3 – 36.8 36.7 – 44.9 36.7 – 40.6 1 1 1 1 53.5 48.4 59.0 53.3 28.0 31.0 25.2 28.1 1 1 1 1 SMCG36 SMCG36A SMCG40 SMCG40A SMCJ36 SMCJ36A SMCJ40 SMCJ40A 36 36 40 40 40.0 – 48.9 40.0 – 44.2 44.4 – 54.3 44.4 – 49.1 1 1 1 1 64.3 58.1 71.4 64.5 23.3 25.8 21.0 23.2 1 1 1 1 SMCG43 SMCG43A SMCG45 SMCG45A SMCJ43 SMCJ43A SMCJ45 SMCJ45A 43 43 45 45 47.8 – 58.4 47.8 – 52.8 50.0 – 61.1 50.0 – 55.3 1 1 1 1 76.7 69.4 80.3 72.7 19.6 21.6 18.7 20.6 1 1 1 1 |