công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMCG40 bảng dữ liệu(PDF) 3 Page - Microsemi Corporation

tên linh kiện SMCG40
Giải thích chi tiết về linh kiện  SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMCG40 bảng dữ liệu(HTML) 3 Page - Microsemi Corporation

  SMCG40 Datasheet HTML 1Page - Microsemi Corporation SMCG40 Datasheet HTML 2Page - Microsemi Corporation SMCG40 Datasheet HTML 3Page - Microsemi Corporation SMCG40 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SURFACE MOUNT 1500 Watt
Transient Voltage Suppressor
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
Copyright
 2005
2-23-05 REV C
SCOTTSD A L E DIVISION
SMCJ5.0 thru SMCJ170CA
and SMCG5.0 thru SMCG170CA
MICROSEMI PART
NUMBER
BREAKDOWN
VOLTAGE
V(BR) @ I(BR)
Volts
GULL-WING
LEAD
MODIFIED “J”
BEND LEAD
REVERSE
STAND-OFF
VOLTAGE
VWM
Volts
MIN. MAX.
I(BR)
mA
MAXIMUM
CLAMPING
VOLTAGE
@ IPP
Volts
PEAK PULSE
CURRENT
(See Fig. 2)
IPP
Amps
MAXIMUM
STANDBY
CURRENT
@ VWM
ID
µA
SMCG48
SMCG48A
SMCG51
SMCG51A
SMCJ48
SMCJ48A
SMCJ51
SMCJ51A
48
48
51
51
53.3 – 65.1
53.3 – 58.9
56.7 – 69.3
56.7 – 62.7
1
1
1
1
85.5
77.4
91.1
82.4
17.5
19.4
18.5
18.2
1
1
1
1
SMCG54
SMCG54A
SMCG58
SMCG58A
SMCJ54
SMCJ54A
SMCJ58
SMCJ58A
54
54
58
58
60.0 – 73.3
60.0 – 66.3
64.4 – 78.7
64.4 – 71.2
1
1
1
1
96.3
87.1
103.0
93.6
15.6
17.2
14.6
16.0
1
1
1
1
SMCG60
SMCG60A
SMCG64
SMCG64A
SMCJ60
SMCJ60A
SMCJ64
SMCJ64A
60
60
64
64
66.7 – 81.5
66.7 – 73.7
71.1 – 86.9
71.1 – 78.6
1
1
1
1
107.0
96.8
114.0
103.0
14.0
15.5
13.2
14.6
1
1
1
1
SMCG70
SMCG70A
SMCG75
SMCG75A
SMCJ70
SMCJ70A
SMCJ75
SMCJ75A
70
70
75
75
77.8 – 95.1
77.8 – 86.0
83.3 – 102.0
83.3 – 92.1
1
1
1
1
125
113
134
121
12.0
13.3
11.2
12.4
1
1
1
1
SMCG78
SMCG78A
SMCG85
SMCG85A
SMCJ78
SMCJ78A
SMCJ85
SMCJ85A
78
78
85
85
86.7 – 106.0
86.7 – 95.8
94.4 – 115.0
94.4 – 104.0
1
1
1
1
139
126
151
137
10.8
11.4
9.9
10.4
1
1
1
1
SMCG90
SMCG90A
SMCG100
SMCG100A
SMCJ90
SMCJ90A
SMCJ100
SMCJ100A
90
90
100
100
100 – 122
100 – 111
111 – 136
111 – 123
1
1
1
1
160
146
179
162
9.4
10.3
8.4
9.3
1
1
1
1
SMCG110
SMCG110A
SMCG120
SMCG120A
SMCJ110
SMCJ110A
SMCJ120
SMCJ120A
110
110
120
120
122 – 149
122 – 135
133 – 163
133 – 147
1
1
1
1
196
177
214
193
7.7
8.4
7.0
7.8
1
1
1
1
SMCG130
SMCG130A
SMCG150
SMCG150A
SMCJ130
SMCJ130A
SMCJ150
SMCJ150A
130
130
150
150
144 – 176
144 – 159
167 – 204
167 – 185
1
1
1
1
231
209
268
243
6.5
7.2
5.6
6.2
1
1
1
1
SMCG160
SMCG160A
SMCG170
SMCG170A
SMCJ160
SMCJ160A
SMCJ170
SMCJ170A
160
160
170
170
178 – 218
178 – 197
189 – 231
189 – 209
1
1
1
1
287
259
304
275
5.2
5.8
4.9
5.5
1
1
1
1
•
For Bidirectional device types indicate a C or CA suffix after the part number. (i.e.: SMCG170CA or
SMCJ170C). Bidirectional capacitance is half that shown in figure 4 at zero volts.
•
Microsemi Corp’s SMC series (1500 W) surface mountable packages are designed specifically for transient
voltage suppression. The wide leads assure a large surface contact for good heat dissipation, and a low
resistance path for surge current flow to ground. These high speed transient voltage suppressors can be
used to effectively protect sensitive components such as integrated circuits and MOS devices.
SYMBOLS & DEFINITIONS
Symbol
Definition
Symbol
Definition
VWM
Working Peak (Standoff) Voltage
IPP
Peak Pulse Current
PPP
Peak Pulse Power
VC
Clamping Voltage
V(BR)
Breakdown Voltage
I(BR)
Breakdown Current for V(BR)
ID
Standby Current



Html Pages

1 2 3 4