| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IW3689 bảng dữ liệu(PDF) 4 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
IW3689 bảng dữ liệu(HTML) 4 Page - Dialog Semiconductor |
|
4 / 6 page ![]() iW3689 AC/DC Digital Power Controller for Single-Stage High Power Factor Dimmable LED Drivers Rev. 1.0 Product Summary © 2016 Dialog Semiconductor www.dialog-semiconductor.com 4 of 6 18-April-2016 Absolute maximum ratings are the parameter values or ranges which can cause permanent damage if exceeded. 5 Absolute Maximum Ratings Parameter Symbol Value Unit DC supply voltage range (pin 3) VCC -0.3 to 6 V VIN input (pin 1) -0.3 to 6 V CFG input (pin 2) -0.3 to 6 V ISENSE input (pin 5) -0.3 to 6 V VS input (pin 6) -0.3 to 24 V VD input voltage (pin 7) -0.3 to 6 V VCB input voltage (pin 8) -0.3 to 6 V VD input current (pin 7) 750 μA VCB input current (pin 8) 750 μA Maximum junction temperature TJMAX 150 °C Operating junction temperature TJOPT -40 to 150 °C Storage temperature TSTG -65 to 150 °C Thermal resistance junction-to-PCB [gnd lead] ψJB 75 °C/W ESD rating per JEDEC JESD22-A114 ±2,000 V Latch-up test per JESD78A ±100 mA |