| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DMP2021UTS-13 bảng dữ liệu(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DMP2021UTS-13 bảng dữ liệu(HTML) 2 Page - Diodes Incorporated |
|
2 / 7 page ![]() DMP2021UTS Document number: DS39575 Rev. 2 - 2 2 of 7 www.diodes.com July 2017 © Diodes Incorporated DMP2021UTS Maximum Ratings (@TA = +25°C, unless otherwise specified.) Characteristic Symbol Value Unit Drain-Source Voltage VDSS -20 V Gate-Source Voltage VGSS ±10 V Continuous Drain Current (Note 6) VGS = -4.5V Steady State TA = +25°C TA = +70°C ID -7.4 -5.9 A Steady State TC = +25°C TC = +70°C ID -18 -14 A Pulsed Drain Current (10 μs Pulse, Duty Cycle = 1%) IDM A Continuous Source-Drain Diode Current (Note 6) TA = +25°C IS A Pulsed Source-Drain Diode Current (10 μs Pulse, Duty Cycle = 1%) ISM A Avalanche Current (Note 7) L = 0.1mH IAS A Avalanche Energy (Note 7) L = 0.1mH EAS mJ Thermal Characteristics (@TA = +25°C, unless otherwise specified.) Characteristic Symbol Value Unit Total Power Dissipation (Note 5) TA = +25°C PD 0.9 W Thermal Resistance, Junction to Ambient (Note 5) Steady State RJA 146 °C/W Total Power Dissipation (Note 6) TA = +25°C PD 1.3 W Thermal Resistance, Junction to Ambient (Note 6) Steady State RJA 95 °C/W Thermal Resistance, Junction to Case (Note 6) Steady State RJC 16 Operating and Storage Temperature Range TJ, TSTG -55 to +150 °C Electrical Characteristics (@TA = +25°C, unless otherwise specified.) Characteristic Symbol Min Typ Max Unit Test Condition OFF CHARACTERISTICS (Note 8) Drain-Source Breakdown Voltage BVDSS -20 — — V VGS = 0V, ID = -250μA Zero Gate Voltage Drain Current TJ = +25°C IDSS — — -1 µA VDS = -20V, VGS = 0V Gate-Source Leakage IGSS — — ±10 µA VGS = ±8V, VDS = 0V ON CHARACTERISTICS (Note 8) Gate Threshold Voltage VGS(TH) -0.35 — -1.0 V VDS = VGS, ID = -250μA Static Drain-Source On-Resistance RDS(ON) — 12 16 m Ω VGS = -4.5V, ID = -4.5A 15 22 VGS = -2.5V, ID = -4.5A 19 40 VGS = -1.8V, ID = -2.5A Diode Forward Voltage VSD — -0.8 -1.2 V VGS = 0V, IS = -1.0A DYNAMIC CHARACTERISTICS (Note 9) Input Capacitance Ciss — 2,760 — pF VDS = -15V, VGS = 0V, f = 1.0MHz Output Capacitance Coss — 262 — Reverse Transfer Capacitance Crss — 220 — Gate Resistance Rg — 16 — Ω VDS = 0V, VGS = 0V, f = 1MHz Total Gate Charge (VGS = -4.5V) Qg — 34 — nC VDS = -15V, ID = -4.0A Total Gate Charge (VGS = -8V) Qg — 59 — Gate-Source Charge Qgs — 3.5 — Gate-Drain Charge Qgd — 8.3 — Turn-On Delay Time tD(ON) — 7.5 — ns VDS = -15V, VGS = -4.5V, RG = 1Ω, ID = -4.0A Turn-On Rise Time tR — 25 — Turn-Off Delay Time tD(OFF) — 125 — Turn-Off Fall Time tF — 96 — Reverse Recovery Time tRR — 48 — ns IF = -1.0A, di/dt = 100A/μs Reverse Recovery Charge QRR — 33 — nC IF = -1.0A, di/dt = 100A/μs Notes: 5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout. 6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate. 7. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C. 8. Short duration pulse test used to minimize self-heating effect. 9. Guaranteed by design. Not subject to product testing. |