công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE7044-20 bảng dữ liệu(PDF) 1 Page - Pasternack Enterprises, Inc.

tên linh kiện PE7044-20
Giải thích chi tiết về linh kiện  20 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female Passivated Stainless Steel Body
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PASTERNACK [Pasternack Enterprises, Inc.]
Trang chủ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7044-20 bảng dữ liệu(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7044-20 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7044-20 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7044-20 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
.
Description
Pasternack carries a wide range of fixed attenuators with a broad selection of attenuation levels, frequency ranges, and power
dissipation ranges. RF microwave attenuators (also known as RF pads) lower the amplitude of a signal (attenuate) a known
amount and can be used in a wide variety of applications. These attenuator pads are used when a signal needs to be reduced
to protect measurement equipment or other circuitry, to extend the range of power meters and amplifiers, and to impedance
match circuits by reducing the VSWR seen by adjacent components. RF attenuators can prevent signal overload in amplifiers,
receivers and detectors, adjusting the signal level to a range that is optimal. &&Few RF components are as commonly used
as fixed coaxial attenuators, and Pasternack carries one of the largest in-stock varieties and ships them same day. The 20 dB
Fixed Attenuator PE7044-20 is rated to 2 Watts and operates from DC to 4 GHz. The versatile coaxial package uses type N
male to type N female connectors and is also REACH and RoHS compliant.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
Impedance
75
Ohms
Nominal Attenuation
20
dB
VSWR
1.3:1
Input Power, CW
2
Watts
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Range
DC to 4
GHz
Attenuation Accuracy, Typ
±0.6
dB
.
Mechanical Specifications
Size
Length
1.91 in [48.51 mm]
Width/Diameter
0.8 in [20.32 mm]
.
Weight
0.137 lbs [62.14 g]
Body Material and Plating
Passivated Stainless Steel
Configuration
Design
Fixed, Bidirectional
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 20 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female Passivated Stainless Steel
Body Rated to 2 Watts Up to 4 GHz PE7044-20
PE7044-20 REV 1.2
20 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female
Passivated Stainless Steel Body Rated to 2 Watts Up to 4 GHz
RF Fixed Attenuators Technical Data Sheet
PE7044-20


Số phần tương tự - PE7044-20

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE7044-20 PASTERNACK-PE7044-20 Datasheet
243Kb / 3P
20 dB Fixed Attenuator, 75 N Male To 75 N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 4 GHz
More results

Mô tả tương tự - PE7044-20

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE7029-1 PASTERNACK-PE7029-1_16 Datasheet
282Kb / 5P
1 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female Brass Nickel Body
PE7029-10 PASTERNACK-PE7029-10_16 Datasheet
278Kb / 5P
10 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female Brass Nickel Body
PE7029-20 PASTERNACK-PE7029-20_16 Datasheet
282Kb / 5P
20 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female Brass Nickel Body
PE7029-30 PASTERNACK-PE7029-30_16 Datasheet
282Kb / 5P
30 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female Brass Nickel Body
PE7044-1 PASTERNACK-PE7044-1_16 Datasheet
232Kb / 3P
1 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female Passivated Stainless Steel Body
PE7044-2 PASTERNACK-PE7044-2_16 Datasheet
232Kb / 3P
2 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female Passivated Stainless Steel Body
PE7044-3 PASTERNACK-PE7044-3_16 Datasheet
232Kb / 3P
3 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female Passivated Stainless Steel Body
PE7044-6 PASTERNACK-PE7044-6_16 Datasheet
232Kb / 3P
6 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female Passivated Stainless Steel Body
PE7044-10 PASTERNACK-PE7044-10_17 Datasheet
308Kb / 3P
10 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female Passivated Stainless Steel Body
PE7044-30 PASTERNACK-PE7044-30_16 Datasheet
232Kb / 3P
30 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female Passivated Stainless Steel Body
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com