| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SSD1852 bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1852 bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers |
|
8 / 55 page ![]() SSD1852 Rev 1.0 01/2003 SOLOMON 3 4 BLOCK DIAGRAM Figure 1 - Block Diagram ROW0 ~ ROW127 ICONS SEG0 ~ SEG 127 HV Buffer Cell Level Shifter Level Selector Display Data Latch Display Timing Generator Oscillator GDDRAM 128 X 129 X 2 Bits Command Decoder Command Interface Parallel / Serial Interface LCD Driving Voltage Generator 3X / 4X / 5X / 6X DC/DC Converter, Voltage Regulator, Bias Divider, Contrast Control, Temperature Compensation VL6 VL5 VL4 VL3 VL2 VSS VR VCC C3P C4P C5P C2N C1P C2P REF INTRS VCI VEXT D7 D6 D5 D4 D3 D2 D1 D0 (SDA)(SCK) RES PS0 PS1 CS C / D R/W E ( WR ) (RD ) VDD VSS OSC1 TEST0 : TEST13 TEST_IN0 |