| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DA9213 bảng dữ liệu(PDF) 29 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
DA9213 bảng dữ liệu(HTML) 29 Page - Dialog Semiconductor |
|
29 / 62 page ![]() DA9213, DA9214, and DA9215 Multi-Phase 5A/Phase DC-DC Buck Converter Datasheet Revision 2.2 23-Oct-2017 CFR0011-120-00 29 of 62 © 2017 Dialog Semiconductor reset, the OTP values for the enable bits should be asserted because they are also part of the re- load. Whenever the GPIO unit is off (POR or OFF Mode) all ports are configured as open drain active high (pass device switched off, high impedance state). When leaving POR the pull-up or pull-down resistors will be configured from register GPIOx_PUPD. Figure 18: GPIO Principle of Operation (example paths) |