công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCN1030 bảng dữ liệu(PDF) 2 Page - IXYS Corporation

tên linh kiện PCN1030
Giải thích chi tiết về linh kiện  Power Relay Branding
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IXYS [IXYS Corporation]
Trang chủ  http://www.ixys.com
Logo IXYS - IXYS Corporation

PCN1030 bảng dữ liệu(HTML) 2 Page - IXYS Corporation

  PCN1030 Datasheet HTML 1Page - IXYS Corporation PCN1030 Datasheet HTML 2Page - IXYS Corporation PCN1030 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PCN1030 Power Relay Branding
To Our Valued Customers:
The following is to inform IXYS Integrated Circuits Division customers of an impending change on some of our
power relay products. These changes are part of our effort and commitment to continuous improvement of our
processes and products. IXYS Integrated Circuits Division’s quality system requires customer notification under
the circumstances outlined below.
IXYS Integrated Circuits Division’s notification policy states:
IXYS Integrated Circuits Division is mindful that changes to process or product could have an adverse
impact on our customers.
Therefore we verify, through our qualification methodology, that a change does not negatively affect
product quality or reliability. We also verify that it does not impact form, fit, or function.
Changes to function are notified to the customer if the change could adversely affect the customer but
not if the change is to enhance product performance beyond the current specification, for example,
higher isolation voltage capability for Solid State Relays.
In cases where a planned change would impact form, fit, or would adversely affect function, quality or
reliability, we notify the customer 90 days in advance.
We also notify our customers of planned product obsolescence.
The following definitions apply:
Form: the visual appearance including color, marking, and surface finish
Fit: the external dimensions and associated tolerances
Function: the electrical, mechanical, thermal, quality and reliability performance characteristics
IXYS Integrated Circuits Division notifies customers of the changes using a Product Change Notification (PCN).
Attached are the details of the pending product change.
Sincerely,
Catherine Austin
Product Marketing Manager



Html Pages

1 2 3