| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM627HRR bảng dữ liệu(PDF) 2 Page - Micro Electronics |
|
|
|||||||||||||||||||||||||||||
SM627HRR bảng dữ liệu(HTML) 2 Page - Micro Electronics |
|
2 / 4 page ![]() SM625/SM626/SM627 4/90 Rev 1.1 2/94 LINFINITY Microelectronics Inc. Copyright © 1994 11861 Western Avenue ∞ ∞ ∞ ∞ ∞ Garden Grove, CA 92841 2 (714) 898-8121 ∞ ∞ ∞ ∞ ∞ FAX: (714) 893-2570 ABSOLUTE MAXIMUM RATINGS (Note 1) 150 °C -65 °C to 150°C 300 °C Operating Junction Temperature Hermetic (R Package) .................................................. Storage Temperature Range ............................. Lead Temperature (Soldering, 10 Seconds) .................... 4.0 °C/W 4.0 °C/W 60.0 °C/W Thermal Resistance Power Switch, θ J - C ................................................... Commutating Diode .................................................. Case to Ambient, θ C - A ............................................ Note 1. Exceeding these ratings could cause damage to the device. R Package: Thermal Resistance-Junction to Case, θ JC .................. 4.0°C/W Thermal Resistance-Junction to Ambient, θ JA .............. 40°C/W THERMAL DATA Note A. Junction Temperature Calculation: T J = TA + (PD x θJA). Note B. The above numbers for θ JC are maximums for the limiting thermal resistance of the package in a standard mount- ing configuration. The θ JA numbers are meant to be guidelines for the thermal performance of the device/pc- board system. All of the above assume no ambient airflow. SM625 SM626 SM627 Input Voltage, V 4 - 2 ......................................... 60V 80V 100V Output Voltage, V 1 - 2 ...................................... 60V 80V 100V Drive Input Reverse Voltage, V 3 - 4 ................. 5V 5V 5V Output Current, I 1 .......................................... 15A 15A 15A Drive Current, I 3 ............................................. -0.4A -0.4A -0.4A RECOMMENDED OPERATING CONDITIONS (Note 2) Operating Ambient Temperature Range SM6XXR ....................................................... 0 °C to 70°C SM6XXHRR ........................................... -55 °C to 125°C Note 2. Range over which the device is functional. ELECTRICAL CHARACTERISTICS (Unless otherwise specified, these specifications apply for the operating ambient temperature of T A = 25°C. Low duty cycle pulse testing tech- niques are used which maintains junction and case temperatures equal to the ambient temperature.) I 4 = 7A(-7A), I3 = -30mA (30mA) I 4 = 15A(-15A), I3 = -30mA (30mA) I 4 = 7A(-7A) I 4 = 15A(-15A) V 4 = Rated input voltage V 4 = Rated input voltage, TA = 125 °C V 1 = Rated output voltage V 1 = Rated output voltage, TA = 125 °C On-State Voltage (Note 3) Diode Forward Voltage (Note 3) Off-State Current Diode Reverse Current V V V V µA µA µA µA Test Conditions Parameter Units Note 3. Pulse test: Duration = 300 µs, Duty Cycle ≤ 2%. SM625 SM626 SM627 Input Voltage, V 4 - 2 ......................................... 50V 70V 90V Output Voltage, V 1 - 2 ...................................... 50V 70V 90V Drive Input Reverse Voltage, V 3 - 4 ................. 4V 4V 4V Output Current, I 1 .......................................... 13A 13A 13A Drive Current, I 3 ............................................. -0.3A -0.3A -0.3A 1.5 3.5 1.25 1.75 10 10 SG625/626/627 Min. Typ. Max. 1.0 2.5 0.85 0.95 0.1 10 1.0 500 |