công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FC13991 bảng dữ liệu(PDF) 23 Page - Ledil, Inc.

tên linh kiện FC13991
Giải thích chi tiết về linh kiện  Angela RefPack
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LEDIL [Ledil, Inc.]
Trang chủ  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FC13991 bảng dữ liệu(HTML) 23 Page - Ledil, Inc.

Back Button FC13991 Datasheet HTML 15Page - Ledil, Inc. FC13991 Datasheet HTML 16Page - Ledil, Inc. FC13991 Datasheet HTML 17Page - Ledil, Inc. FC13991 Datasheet HTML 18Page - Ledil, Inc. FC13991 Datasheet HTML 19Page - Ledil, Inc. FC13991 Datasheet HTML 20Page - Ledil, Inc. FC13991 Datasheet HTML 21Page - Ledil, Inc. FC13991 Datasheet HTML 22Page - Ledil, Inc. FC13991 Datasheet HTML 23Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
GENERAL INFORMATION
- Product series especially designed & optimized for series of LEDs.
- Special care taken to make light distribution as uniform as possible.
Note! Due to use of high power COB's with this product, special attention to proper thermal design is highly
recommended. LEDiL has no liability for direct, indirect or consecutive damages arising from the LEDiL
products being used outside of the recommended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23