| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MM74HC133J bảng dữ liệu(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
MM74HC133J bảng dữ liệu(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 4 page ![]() AC Electrical Characteristics VCCe5V TAe25 C CLe15 pF tretfe6ns Symbol Parameter Conditions Typ Guaranteed Units Limit tPHL tPLH Maximum Propagation Delay ns AC Electrical Characteristics VCCe20V to 60V CLe50 pF tretfe6 ns (unless otherwise specified) TAe25 C 74HC 54HC Symbol Parameter Conditions VCC TAeb40 to 85 CTAeb55 to 125 C Units Typ Guaranteed Limits tPHL Maximum Propagation V ns tPLH Delay V ns V ns tTLH Maximum V ns tTHL Output Rise and V ns Fall Time V ns CPD Power Dissipation pF Capacitance Note CIN Maximum Input Capacitance pF Note 5 CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption ISeCPD VCC faICC Physical Dimensions inches (millimeters) Ceramic Dual-In-Line Package (J) Order Number MM54HC133J or MM74HC133J NS Package Number J16A 3 |