công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDMF5833 bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện FDMF5833
Giải thích chi tiết về linh kiện  Smart Power Stage (SPS) Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF5833 bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  FDMF5833 Datasheet HTML 1Page - ON Semiconductor FDMF5833 Datasheet HTML 2Page - ON Semiconductor FDMF5833 Datasheet HTML 3Page - ON Semiconductor FDMF5833 Datasheet HTML 4Page - ON Semiconductor FDMF5833 Datasheet HTML 5Page - ON Semiconductor FDMF5833 Datasheet HTML 6Page - ON Semiconductor FDMF5833 Datasheet HTML 7Page - ON Semiconductor FDMF5833 Datasheet HTML 8Page - ON Semiconductor FDMF5833 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.onsemi.com
5
Electrical Characteristics
Typical value is under VIN=12 V, VCC=PVCC=5 V and TA=TJ=+ 25°C unless otherwise noted. Minimum / Maximum
values are under VIN=12 V, VCC=PVCC=5 V ± 10% and TJ=TA=-40 ~ 125°C unless otherwise noted.
Symbol
Parameter
Condition
Min. Typ. Max. Unit
Basic Operation
IQ
Quiescent Current
IQ=IVCC + IPVCC, EN=HIGH, PWM=LOW or
HIGH or Float (Non-Switching)
2
mA
ISHDN
Shutdown Current
ISHDN=IVCC + IPVCC, EN=GND
3
µA
VUVLO
UVLO Threshold
VCC Rising
3.5
3.8
4.1
V
VUVLO_HYST
UVLO Hysteresis
0.4
V
tD_POR
POR Delay to Enable IC
VCC UVLO Rising to Internal PWM
Enable
20
µs
EN Input
VIH_EN
High-Level Input Voltage
2.0
V
VIL_EN
Low-Level Input Voltage
0.8
V
RPLD_EN
Pull-Down Resistance
250
k
tPD_ENL
EN LOW Propagation Delay
PWM=GND, EN Going LOW to GL Going
LOW
25
ns
tPD_ENH
EN HIGH Propagation Delay
PWM=GND, EN Going HIGH to GL
Going HIGH
20
µs
ZCD# Input
VIH_ZCD#
High-Level Input Voltage
2.0
V
VIL_ZCD#
Low-Level Input Voltage
0.8
V
IPLU_ZCD#
Pull-Up Current
10
µA
tPD_ZLGLL
ZCD# LOW Propagation Delay
PWM=GND, ZCD# Going LOW to GL
Going LOW (assume IL <=0)
10
ns
tPD_ZHGLH
ZCD# HIGH Propagation Delay
PWM=GND, ZCD# Going HIGH to GL
Going HIGH
10
ns
PWM Input
RUP_PWM
Pull-Up Impedance
Typical Values: TA=TJ=25°C,
VCC=PVCC=5 V,
Min. / Max. Values:
TA=TJ=-40°C to 125°C,
VCC=PVCC=5 V ±10%
10
k
RDN_PWM
Pull-Down Impedance
10
k
VIH_PWM
PWM High Level Voltage
3.8
V
VTRI_Window
3-State Window
1.2
3.1
V
VIL_PWM
PWM Low Level Voltage
0.8
V
tD_HOLD-OFF
3-State Shut-Off Time
90
130
ns
VHIZ_PWM
3-State Open Voltage
2.1
2.5
2.9
V
Minimum Controllable On-Time
tMIN_PWM_ON
PWM Minimum Controllable On-
Time
Minimum PWM HIGH Pulse Required for
SW Node to Switch from GND to VIN
30
ns
Forced Minimum GL HIGH Time
tMIN_GL_HIGH
Forced Minimum GL HIGH
Minimum GL HIGH Time when LOW
VBOOT-SW detected and PWM
LOW=<100 ns
100
ns
PWM Propagation Delays & Dead Times (VIN=12 V, VCC=PVCC=5 V, fSW=1 MHz, IOUT=20 A, TA=25°C)
tPD_PHGLL
PWM HIGH Propagation Delay
PWM Going HIGH to GL Going LOW,
VIH_PWM to 90% GL
15
ns
tPD_PLGHL
PWM LOW Propagation Delay
PWM Going LOW to GH
(6) Going LOW,
VIL_PWM to 90% GH
30
ns
tPD_PHGHH
PWM HIGH Propagation Delay
(ZCD# Held LOW)
PWM Going HIGH to GH Going HIGH,
VIH_PWM to 10% GH (ZCD#=LOW, IL=0,
Assumes DCM)
10
ns
Continued on the following page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com