công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDMF3039 bảng dữ liệu(PDF) 13 Page - ON Semiconductor

tên linh kiện FDMF3039
Giải thích chi tiết về linh kiện  Smart Power Stage (SPS) Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3039 bảng dữ liệu(HTML) 13 Page - ON Semiconductor

Back Button FDMF3039 Datasheet HTML 9Page - ON Semiconductor FDMF3039 Datasheet HTML 10Page - ON Semiconductor FDMF3039 Datasheet HTML 11Page - ON Semiconductor FDMF3039 Datasheet HTML 12Page - ON Semiconductor FDMF3039 Datasheet HTML 13Page - ON Semiconductor FDMF3039 Datasheet HTML 14Page - ON Semiconductor FDMF3039 Datasheet HTML 15Page - ON Semiconductor FDMF3039 Datasheet HTML 16Page - ON Semiconductor FDMF3039 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
© 2016 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FDMF3039 • Rev. 2
13
www.onsemi.com
Description
The SPS FDMF3039 is a driver-plus-MOSFET module
optimized for the synchronous buck converter topology.
A PWM input signal is required to properly drive the
high-side and the low-side MOSFETs. The part is
capable of driving speed up to 1.5 MHz.
Power-On Reset (POR & UVLO)
The FDMF3039 incorporates a POR feature that
ensures both LDRV and HDRV are forced inactive
(LDRV = HDRV = 0) until UVLO > 3.4 V (typical rising
threshold). UVLO is performed on VCC (not on PVCC
or VIN).
After all gate drive blocks are fully powered on and
have finished the startup sequence, the internal driver
IC EN_PWM signal is released HIGH, enabling the
driver outputs. Once the driver POR has finished, the
driver follows the state of the PWM signal (it is assumed
that at startup the controller is either in a high-
impedance state or forcing the PWM signal to be within
the driver 3-state window).
Figure 28.
UVLO
3-State PWM Input
The FDMF3039 incorporates a 3-state 5 V PWM input
gate drive design. The 3-state gate drive has both logic
HIGH and LOW levels, along with a 3-state shutdown
window. When the PWM input signal enters and
remains within the 3-state window for a defined hold-off
time (tD_HOLD-OFF), both GL and GH are pulled LOW.
This feature enables the gate drive to shutdown both
the high-side and the low-side MOSFETs to support
features such as phase shedding, a common feature on
multi-phase voltage regulators.
Table 1.
PWM Logic Table
PWM
FCCM
GH
GL
3-State
1
0
0
0
1
0
1
1
1
1
0
FCCM
The FCCM pin can be used to control Diode Emulation
or used to shut down the driver IC (with ICC < 6 µA,
ICC = current consumed by VCC and PVCC). When
FCCM is LOW, diode emulation is allowed. When
FCCM is HIGH, continuous conduction mode is forced.
High impedance on the input of FCCM shuts down the
driver IC (and module).
Table 2.
FCCM Logic Table
PWM
FCCM
GH
GL
Driver Enable
State
x
3-State
0
0
0 (ICC < 6 µA)
3-State
0
0
0
1
3-State
1
0
0
1
0
0
0
1 when IL > 0
0 when IL < 0
1
1
0
1
0
1
0
1
0
1
1
1
1
1
0
1
(FCCM = 1
 Forced CCM)
Setting the FCCM pin to a HIGH state will allow for
forced CCM operation. During forced CCM, the
FDMF3039 will always follow the PWM signal and allow
for negative inductor current.
(FCCM = 0
 Diode Emulation / DCM)
Setting the FCCM pin to a LOW state will enable diode
emulation. Diode emulation allows for higher converter
efficiency under light-load situations. With diode
emulation is activated, the FDMF3039 will detect the
zero current crossing of the output inductor (at light-
loads) and will turn off low side MOSFET gate GL to
prevent negative inductor current from flowing. Diode
emulation ensures Discontinuous Conduction Mode
(DCM) operation. Diode emulation is asynchronous to
the PWM signal. Therefore, the FDMF3039 will respond
to the FCCM input immediately after it changes state.
(FCCM = HiZ
 Shutdown)
Setting the FCCM pin to a HIGH impedance state (HiZ)
will shutdown the driver IC with ICC<6 µA. The
FDMF3039 requires a startup latency time of (<
15 µsec) when exiting a HiZ FCCM state. Low ICC driver
shutdown is often needed to support power saving
modes in multi-phase voltage regulator designs.
Power Sequence
The FDMF3039 requires four (4) input signals to
perform normal switching operation: VIN, VCC / PVCC,
PWM, and FCCM.
The VIN pins are tied to the system main DC power rail.
The PVCC and VCC pins are typically powered from
the same 5 V source. These pins can be either tied
directly together or tied together through an external RC
filter. The filter resistor / capacitor is used to de-couple
the switching noise from PVCC to VCC. Refer to Figure
1 for RC filter schematic.
The FCCM pin can be tied to the VCC rail with an
external pull-up resistor and it will maintain HIGH once
the VCC rail turns on. Or the FCCM pin can be directly
tied to the PWM controller for other purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com