| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
V23086-R2802-A803 bảng dữ liệu(PDF) 3 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
V23086-R2802-A803 bảng dữ liệu(HTML) 3 Page - TE Connectivity Ltd |
|
3 / 4 page ![]() 07-2017, Rev. 0717 www.te.com © 2017 TE Connectivity. Datasheets and product specification ac- cording to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 3 Double Micro Relay K (THT – THR) (Continued) Automotive Relays PCB Double Relays Dimensions Double Micro Relay THR View of the Terminals Bottom view on solder pins 23,6 0,2 0,6 0,2 2,5 0,2 6,2 0,1 A 12,9 0,3 0,95 0,2 23,6 0,2 0,6 0,2 2,5 0,2 6,2 0,1 A 12,9 0,3 0,95 0,2 12,67 8,5 0,5 11,67 10x 0,5 AC 0,4 A 19,67 7,5 11 15 12 24 13 1,72 20,17 B 10x 0,5 AB 0,4 A C 22 25 23 14 21 0,97 0,15 4,5 0,25 0,97 0,15 11 15 12 24 13 3,4 0,25 3,7 0,25 22 25 23 14 21 5,87 0,15 4,5 0,25 3,4 0,25 0,97 0,15 0,97 0,15 3,7 0,25 5,87 0,15 12,67 8,5 0,5 11,67 10x 0,5 AC 0,4 A 19,67 7,5 11 15 12 24 13 1,72 20,17 B 10x 0,5 AB 0,4 A C 22 25 23 14 21 0,97 0,15 4,5 0,25 0,97 0,15 11 15 12 24 13 3,4 0,25 3,7 0,25 22 25 23 14 21 5,87 0,15 4,5 0,25 3,4 0,25 0,97 0,15 0,97 0,15 3,7 0,25 5,87 0,15 View of Stand-Offs Bottom view on solder pins |