công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP235 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện TMP235
Giải thích chi tiết về linh kiện  Low-Power, High-Accuracy Analog Output Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP235 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TMP235_18 Datasheet HTML 1Page - Texas Instruments TMP235_18 Datasheet HTML 2Page - Texas Instruments TMP235_18 Datasheet HTML 3Page - Texas Instruments TMP235_18 Datasheet HTML 4Page - Texas Instruments TMP235_18 Datasheet HTML 5Page - Texas Instruments TMP235_18 Datasheet HTML 6Page - Texas Instruments TMP235_18 Datasheet HTML 7Page - Texas Instruments TMP235_18 Datasheet HTML 8Page - Texas Instruments TMP235_18 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TA (qC)
-50
-25
0
25
50
75
100
125
150
0
0.5
1
1.5
2
2.5
3
D003
TMP235
TMP236
GND
VOUT
VDD
Thermal Diodes
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMP235, TMP236
SBOS857A – SEPTEMBER 2017 – REVISED DECEMBER 2017
TMP23x Low-Power, High-Accuracy Analog Output Temperature Sensors
1
1 Features
1
Cost-Effective Alternative to Thermistors
Wide Temperature Measurement Range:
–40°C to +150°C (TMP235)
–10°C to +125°C (TMP236)
Available in two Accuracy Level Variants:
A2 Level: ±0.5°C (Typical)
A4 Level: ±1°C (Typical)
Positive Slope Sensor Gain, Offset (Typical):
10 mV/°C, 500 mV at 0°C (TMP235)
19.5 mV/°C, 400 mV at 0°C (TMP236)
Wide Operating Supply Voltage Range:
2.3 V to 5.5 V (TMP235)
3.1 V to 5.5 V (TMP236)
Short Circuit Protected Output
Low Power: 9 μA (Typical)
Strong Output For Driving Loads Up To 1000 pF
Available Package Options:
5-Pin SC70 (DCK) Surface Mount
3-Pin SOT-23 (DBZ) Surface Mount
2 Applications
Grid Infrastructure
Wireless and Telecom Infrastructure
Automotive Infotainment
Factory Automation and Control
Test and Measurement
3 Description
The TMP23x devices are a family of precision CMOS
integrated-circuit linear analog temperature sensors
with an output voltage proportional to temperature,
making
the
series
suitable
for
multiple
analog
temperature sensing applications. These temperature
sensors
are
more
accurate
than
similar
pin-
compatible devices on the market, featuring accuracy
from 0°C to +70°C of ±1°C and ±2°C. The increased
accuracy of the series is designed for many analog
temperature
sensing
applications.
The
TMP235
device provides a positive slope output of 10 mV/°C
over the full –40°C to +150°C temperature range and
a supply range from 2.3 V to 5.5 V. The higher gain
TMP236 sensor provides a positive slope output of
19.5 mV/°C from –10°C to +125°C and a supply
range from 3.1 V to 5.5 V.
The 9-µA typical quiescent current and 800-µs typical
power-on
time
enable
effective
power-cycling
architectures to minimize power consumption for
battery-powered devices. A class-AB output driver
provides a strong 500 µA maximum output to drive
capacitive loads up to 1000 pF and is designed to
directly interface to analog-to-digital converter sample
and hold inputs. With excellent accuracy and a strong
linear output driver, the TMP23x analog output
temperature sensors are cost-effective alternatives to
passive thermistors.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP235, TMP236
SC70 (5)
2.00 × 1.25 mm
SOT-23 (3)
2.92 × 1.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Block Diagram
Output Voltage vs Ambient


Số phần tương tự - TMP235_18

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMP235_1808 TI1-TMP235_1808 Datasheet
1Mb / 25P
Low-Power, High-Accuracy Analog Output Temperature Sensors
More results

Mô tả tương tự - TMP235_18

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666 Datasheet
268Kb / 8P
High-Accuracy PWM Output Temperature Sensors
Rev 1; 12/03
MAX6666 MAXIM-MAX6666_09 Datasheet
124Kb / 7P
High-Accuracy PWM Output Temperature Sensors
Rev 3; 8/09
logo
ON Semiconductor
NCT203 ONSEMI-NCT203 Datasheet
162Kb / 13P
Low Voltage, High Accuracy Temperature Monitor
June, 2013 ??Rev. 2
logo
Texas Instruments
TMP235 TI1-TMP235 Datasheet
274Kb / 13P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235_018 TI1-TMP235_018 Datasheet
975Kb / 20P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235_1808 TI1-TMP235_1808 Datasheet
1Mb / 25P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235-Q1 TI1-TMP235-Q1 Datasheet
575Kb / 20P
Automotive Grade, High-Accuracy Analog Output Temperature Sensors
TMP235-Q1 TI1-TMP235-Q1_19 Datasheet
688Kb / 22P
Automotive Grade, High-Accuracy Analog Output Temperature Sensors
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666_V01 Datasheet
1Mb / 7P
High-Accuracy PWM Output Temperature Sensors
2014
logo
MultiDimension Technolo...
AMR4100 MULTIDIMENSION-AMR4100 Datasheet
905Kb / 7P
High accuracy analog output dual axis position sensor
Version 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com