| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADAS1000BSTZ bảng dữ liệu(PDF) 60 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAS1000BSTZ bảng dữ liệu(HTML) 60 Page - Analog Devices |
|
60 / 80 page ![]() ADAS1000/ADAS1000-1/ADAS1000-2 Data Sheet Table 31. Pace Detection Control Register (PACECTL) Address 0x04, Reset Value = 0x000F881 R/W Default Bit Name Function [23:12] Reserved Reserved, set to 0 R/W 1 11 PACEFILTW Pace width filter 0 = filter disabled 1 (default) = filter enabled R/W 1 10 PACETFILT2 Pace Validation Filter 2 0 = filter disabled 1 (default) = filter enabled R/W 1 9 PACETFILT1 Pace Validation Filter 1 0 = filter disabled 1 (default) = filter enabled R/W 11 [8:7] PACE3SEL [1:0] Set lead for pace detection measurement R/W 00 [6:5] PACE2SEL [1:0] 00 = Lead I R/W 01 [4:3] PACE1SEL [1:0] 01 = Lead II 10 = Lead III 11 = Lead aVF R/W 0 2 PACE3EN Enable pace detection algorithm R/W 0 1 PACE2EN 0 (default) = pace detection disabled R/W 0 0 PACE1EN 1 = pace detection enabled 1 ADAS1000 model only, ADAS1000-1/ADAS1000-2 models do not contain these features. Rev. B | Page 60 of 80 |