| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADAS1000 bảng dữ liệu(PDF) 32 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAS1000 bảng dữ liệu(HTML) 32 Page - Analog Devices |
|
32 / 80 page ![]() ADAS1000/ADAS1000-1/ADAS1000-2 Data Sheet Figure 60. Electrode and Lead Configurations, Common Electrode A Figure 61. Electrode and Lead Configurations, Single-Ended Input Electrode VCM = RA COMMON- MODE AMP AMP ADC ADC ADC ADC ADC CM_IN = RA COMMON ELECTRODE CE IN + – CM_OUT/WCT AMP + – AMP + – AMP + – AMP + – ECG1_LA ECG2_LL ECG3_RA = V3 ECG4_V1 ECG5_V2 MODE COMMENT WORD1 WORD2 WORD3 WORD4 WORD5 COMMON ELECTRODE (CE) LEADS (HERE RA ELECTRODE IS CONNECTED TO THE CE ELECTRODE (CM_IN) AND V3 IS ON ECG3 INPUT) LEAD I (LA − RA) LEAD II (LL − RA) V3’ (V3 – RA) − (LA − RA) − (LL − RA) V1’ (V1 − RA) − (LA − RA) + (LL − RA) V2’ (V2 − RA) − (LA − RA) + (LL − RA) COMMON ELECTRODE A 0x0A [4]1 0x01 [10]2 0x05 [8]3 0 0 1 3 3 3 1REGISTER FRMCTL, BIT DATAFMT: 0 = LEAD/VECTOR MODE; 1 = ELECTRODE MODE. 2REGISTER ECGCTL, BIT CHCONFIG: 0 = SINGLE ENDED INPUT (DIGITAL LEAD MODE OR ELECTRODE MODE); 1 = DIFFERENTIAL IN PUT (ANALOG LEAD MODE). 3REGISTER CMREFCTL, BIT CEREFEN: 0 = CE DISABLED; 1 = CE ENABLED. LEAD I LEAD II V3’ V1’ V2’ DIGITAL DOMAIN CALCULATIONS VCM = ( LA+ LL + RA + V1)/ 4 IN THIS CASE COMMON- MODE AMP AMP ADC ADC ADC ADC ADC CM_IN FOR EXAMPLE, RA COMMON ELECTRODE CE IN + – CM_OUT/WCT LA – VCM LL – VCM RA – VCM V1 – VCM V2 – VCM VCM COMMON MODE CAN BE ANY COMBINATION OF ELECTRODES AMP + – AMP + – AMP + – AMP + – ECG1_LA ECG 2_LL ECG3_RA ECG4_V1 ECG5_V2 MODE COMMENT WORD1 WORD2 WORD3 WORD4 WORD5 SINGLE-ENDED INPUT ELECTRODE RELATIVE TO VCM LL − VCM SINGLE-ENDED INPUT ELECTRODE 0x0A [4]1 0x01 [10]2 0x05 [8]3 1 0 0 LA − VCM RA − VCM V1 − VCM V2 − VCM 1REGISTER FRMCTL, BIT DATAFMT: 0 = LEAD/VECTOR MODE; 1 = ELECTRODE MODE. 2REGISTER ECGCTL, BIT CHCONFIG: 0 = SINGLE ENDED INPUT (DIGITAL LEAD MODE OR ELECTRODE MODE); 1 = DIFFERENTIAL IN PUT (ANALOG LEAD MODE). 3REGISTER CMREFCTL, BIT CEREFEN: 0 = CE DISABLED; 1 = CE ENABLED. Rev. B | Page 32 of 80 |