| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9679P bảng dữ liệu(PDF) 254 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679P bảng dữ liệu(HTML) 254 Page - STMicroelectronics |
|
254 / 272 page ![]() Electrical characteristics L9679P 254/272 DocID029275 Rev 1 42 T_s1_end_closure Slot 1 End valid window, closure time Related to t0, Sensor Side, P8P-500-3L 151 - 174.6 μs 43 Related to t0, Sensor Side, P8P-500-3H 119.8 - 139.9 μs 44 Related to t0, Sensor Side, P8P-500-4H 119.8 - 139.9 μs 45 Related to t0, Sensor Side, P10P-500-3L 167.8 - 193 μs 46 Related to t0, Sensor Side, P10P-500-3H 131 - 152.5 μs 47 Related to t0, Sensor Side, P10P-500-4H 131 - 152.5 μs 48 T_s2_end_open Slot 2 End valid window, opening time Related to t0, Sensor Side, P8P-500-3L 231.6 - 264.9 μs 49 Related to t0, Sensor Side, P8P-500-3H 206 - 236.7 μs 50 Related to t0, Sensor Side, P8P-500-4H 168 - 194.9 μs 51 Related to t0, Sensor Side, P10P-500-3L 245.4 - 280.1 μs 52 Related to t0, Sensor Side, P10P-500-3H 215.5 - 246.7 μs 53 Related to t0, Sensor Side, P10P-500-4H 177.5 - 205 μs 54 T_s2_end_closure Slot 2 End valid window, closure time Related to t0, Sensor Side, P8P-500-3L 302.8 - 342.1 μs 55 Related to t0, Sensor Side, P8P-500-3H 271.6 - 308 μs 56 Related to t0, Sensor Side, P8P-500-4H 225.4 - 256.5 μs 57 Related to t0, Sensor Side, P10P-500-3L 319.6 - 360.5 μs 58 Related to t0, Sensor Side, P10P-500-3H 282.7 - 320 μs 59 Related to t0, Sensor Side, P10P-500-4H 236.5 - 260 μs 60 T_s3_end_open Slot 3 End valid window, opening time Related to t0, Sensor Side, P8P-500-3L 365.1 - 412.5 μs 61 Related to t0, Sensor Side, P8P-500-3H 339.4 - 384.3 μs 62 Related to t0, Sensor Side, P8P-500-4H 263.9 - 300.9 μs 63 Related to t0, Sensor Side, P10P-500-3L 378.9 - 427.7 μs 64 Related to t0, Sensor Side, P10P-500-3H 348.5 - 394.3 μs 65 Related to t0, Sensor Side, P10P-500-4H 273 - 311 μs 66 T_s3_end_closure Slot 3 End valid window, closure time Related to t0, Sensor Side, P8P-500-3L 465.9 - 522.7 μs 67 Related to t0, Sensor Side, P8P-500-3H 434.7 - 488 μs 68 Related to t0, Sensor Side, P8P-500-4H 342.5 - 386.1 μs 69 Related to t0, Sensor Side, P10P-500-3L 482.7 - 541.1 μs 70 Related to t0, Sensor Side, P10P-500-3H 445.9 - 500 μs 71 Related to t0, Sensor Side, P10P-500-4H 353.7 - 398.2 μs Table 62. PSI-5 satellite transceiver - AC specifications (continued) No Symbol Parameter Conditions Min Typ Max Unit |