| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9679P bảng dữ liệu(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679P bảng dữ liệu(HTML) 85 Page - STMicroelectronics |
|
85 / 272 page ![]() DocID029275 Rev 1 85/272 L9679P SPI interfaces 271 7.3.10 Deployment current monitor registers (DCMTSxy) Deployment Current Monitor Status Channel 0,1 (DDCMTS01) Deployment Current Monitor Status Channel 2,3 (DDCMTS23) Deployment Current Monitor Status Channel 4,5 (DDCMTS45) Deployment Current Monitor Status Channel 6,7 (DDCMTS67) ID: 1F (DDCMTS01) 20 (DDCMTS23) 21 (DDCMTS45) 22 (DDCMTS67) Type: R Read: 1F00 (DDCMTS01) 2000 (DDCMTS23) 2100 (DDCMTS45) 2202 (DDCMTS67) Write: - 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - X XXXXXXXXXXXXXXX MISO 0 0 0 0 Current_Mon_Timer_y[7:0] Current_Mon_Timer_x[7:0] Current_Mon_Timer_y[7:0] $00 $00 $00 Channel y current monitor timer value corresponding to SPI command DCMTSxy. Set to default (cleared) on SSM_RESET or when a new deployment starts on channel y. Increments each 16 μs while deployment current exceeds monitor threshold on channel y Current_Mon_Timer_x[7:0] $00 $00 $00 Channel x current monitor timer value corresponding to SPI command DCMTSxy. Set to default (cleared) on SSM_RESET or when a new deployment starts on channel x. Increments each 16 μs while deployment current exceeds monitor threshold on channel y |