| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3312NN bảng dữ liệu(PDF) 2 Page - ebm-papst |
|
|
|||||||||||||||||||||||||||||
3312NN bảng dữ liệu(HTML) 2 Page - ebm-papst |
|
2 / 4 page ![]() DC axial fan 3312 NN Technical description Weight 0.19 kg Dimensions 92 x 92 x 32 mm Impeller material Glass-fiber reinforced PA plastic Housing material Glass-fiber reinforced PBT plastic Airflow direction Exhaust over struts Direction of rotation Clockwise, viewed toward rotor Storage Ball bearing Service life L10 at 40 °C 77.500 h Service life L10 at maximum temperature 30.000 h Cable With leads AWG 24 UL 1061, TR 64 ENU (Web) · 2016-11-09 · Page 2 / 4 ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Str. 1 · D-78112 St. Georgen · Phone +49 (0) 7724 81-0 · Fax +49 (0) 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com |