công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST12LF01 bảng dữ liệu(PDF) 20 Page - Silicon Storage Technology, Inc

tên linh kiện SST12LF01
Giải thích chi tiết về linh kiện  2.4 GHz Front-End Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SST [Silicon Storage Technology, Inc]
Trang chủ  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LF01 bảng dữ liệu(HTML) 20 Page - Silicon Storage Technology, Inc

Back Button SST12LF01 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST12LF01 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST12LF01 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST12LF01 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST12LF01 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST12LF01 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST12LF01 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST12LF01 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST12LF01 Datasheet HTML 21Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
©2011 Silicon Storage Technology, Inc.
DS75040A
12/11
20
2.4 GHz Front-End Module
SST12LF01
Data Sheet
A Microchip Technology Company
Table 6:Revision History
Revision
Description
Date
00
•
Initial release of data sheet
Sep 2006
01
•
Updated pins 9 and 11 in Figure 2 on page 4
•
Updated pin 6, 9, and 11 in Table 1 on page 5
•
Updated Figure 11 on page 15
•
Updated Figure 15 on page 17
Jan 2007
02
•
Updated “Product Ordering Information” on page 18
Sep 2007
03
•
Revised Product Description on page 1
•
Changed signal gain value14 dB globally
•
Changed low-noise figure to 1.45 dB globally
•
Edited high temperature stability feature, page 1
•
Change low idle current to 75 mA, page 1
•
Edited Table 2, DC Electrical Characteristics; Table 3, AC Electrical
Characteristics RX Chain; Table 4, AC Electrical Characteristics TX
Chain
•
Replaced Figures 3 through 11 with up-to-date graphs on pages 7
through 13
•
Added Figure 5 on page 8
•
Added Figure 12 on page 15
•
Edited Figure 15 on page 17
Jun 2008
04
•
Revised RX chain gain value from 14 to 12 in “Features” and “Product
Description” on page 2 and Table 4 on page 7.
•
Updated Figures 3 and 5.
Nov 2008
05
•
Updated contact information
Feb 2009
06
•
Updated document status to “Data Sheet”
•
Revised IIPE values in Features on page 1 and Table 4 on page 7
•
Changed definition of “F” environmental attribute in “Product Ordering
Information” on page 18
Nov 2010
A
•
Removed products with an “E” environmental attribute from “Product
Ordering Information” on page 18
•
Revised Figure 1 on page 3 and the caption of
•
Applied new document format
•
Released document under letter revision system
•
Updated Spec number from S71330 to DS75040
Dec 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com