| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IR3082M bảng dữ liệu(PDF) 13 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IR3082M bảng dữ liệu(HTML) 13 Page - International Rectifier |
|
13 / 33 page ![]() IR3082 Page 13 of 13 12/17/04 The voltage at the VDRP pin is a buffered version of the share bus and represents the sum of the DAC voltage and the average inductor current of all the phases. The VDRP pin is connected to the FB pin through the resistor RVDRP. Since the Error Amp will force the loop to maintain FB to be equal to the VDAC reference voltage, current will flow into the FB pin equal to (VDRP-VDAC) / RVDRP. When the load current increases, the adaptive positioning voltage increases accordingly. More current flows through the feedback resistor RFB, and makes the output voltage lower proportional to the load current. The positioning voltage can be programmed by the resistor RVDRP so that the droop impedance produces the desired converter output impedance. The offset and slope of the converter output impedance are referenced to and therefore independent of the VDAC voltage. VDAC Rv drp Rf b ISHARE VDAC If b CS+ CS- EA Vo VDRP IIN Phase IC VDAC ISHARE CS+ Phase IC CS- + - Current Sense Amplifier 10k VDAC . . . . . . FB Error Amplifier + - Current Sense Amplifier + - + - Control IC Droop Amplifier 10k Figure 8 - Adaptive voltage positioning Inductor DCR Temperature Correction If the thermal compensation of the inductor DCR provided by the temperature dependent gain of the current sense amplifier is not adequate, a negative temperature coefficient (NTC) thermistor can be used for additional correction. The thermistor should be placed close to the inductor and connected in parallel with the feedback resistor as shown in Figure 9. The resistor in series with the thermistor is used to reduce the nonlinearity of the thermistor. Figure 9 - Temperature compensation of inductor DCR VDAC Rv drp Rf b If b EA VDRP Vo IIN Error Amplifier + - + - Control IC Droop Amplifier Rf b Rt FB |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |