công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV70518YFPR bảng dữ liệu(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLV70518YFPR
Giải thích chi tiết về linh kiện  200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small, 0.77-mm 횞 0.77-mm DSBGA and PicoStar
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70518YFPR bảng dữ liệu(HTML) 16 Page - Texas Instruments

Back Button TLV70518YFPR Datasheet HTML 12Page - Texas Instruments TLV70518YFPR Datasheet HTML 13Page - Texas Instruments TLV70518YFPR Datasheet HTML 14Page - Texas Instruments TLV70518YFPR Datasheet HTML 15Page - Texas Instruments TLV70518YFPR Datasheet HTML 16Page - Texas Instruments TLV70518YFPR Datasheet HTML 17Page - Texas Instruments TLV70518YFPR Datasheet HTML 18Page - Texas Instruments TLV70518YFPR Datasheet HTML 19Page - Texas Instruments TLV70518YFPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
Frequency(Hz)
10M
1M
V
=2.3V
V
=1.8V
OUT
IN
I
= 10mA
OUT
I
=150mA
OUT
Time(100ms/div)
(1V/div)
V
IN
V
OUT
16
TLV705, TLV705P
SBVS151F – DECEMBER 2010 – REVISED APRIL 2017
www.ti.com
Product Folder Links: TLV705 TLV705P
Submit Documentation Feedback
Copyright © 2010–2017, Texas Instruments Incorporated
8.2.2.1 Input and Output Capacitor Requirements
TI recommends using 1-μF X5R- and X7R-type ceramic capacitors because these components have minimal
variation in value and equivalent series resistance (ESR) over temperature. However, the TLV705 series is
designed to be stable with an effective capacitance of 0.1 μF or larger at the output. As a result, the device is
stable with capacitors of other dielectrics as long as the effective capacitance under the operating bias voltage
and temperature is greater than 0.1 μF. This effective capacitance refers to the capacitance that the LDO detects
under operating bias voltage and temperature conditions (that is, the capacitance after taking the bias voltage
and temperature derating into consideration). In addition to allowing the use of lower cost dielectrics, the effective
capacitance enables using smaller footprint capacitors that have higher derating in space-constrained
applications.
Using a 0.1-μF rating capacitor at the output of the LDO does not ensure stability because the effective
capacitance under operating conditions is less than 0.1 μF. Maximum ESR must be less than 200 mΩ.
Although an input capacitor is not required for stability, good analog design practice is to connect a 0.1-μF to
1-μF low ESR capacitor across the VIN and GND pins of the regulator. This capacitor counteracts reactive input
sources and improves transient response, noise rejection, and ripple rejection. A higher-value capacitor can be
necessary if large, fast rise-time load transients are anticipated, or if the device is not located close to the power
source. If source impedance is more than 2 Ω, a 0.1-μF input capacitor may be necessary to ensure stability.
8.2.2.2 Transient Response
As with any regulator, increasing the size of the output capacitor reduces overshoot and undershoot magnitude,
but increases the duration of the transient response.
8.2.3 Application Curves
Figure 29. Power-Supply Rejection Ratio vs Frequency
Figure 30. Power-Up and Power-Down
8.3 Do's and Don'ts
Place input and output capacitors as close as possible to the device.
Do not exceed the device absolute maximum ratings.
9 Power Supply Recommendations
Connect a low output impedance power supply directly to the VIN pin of the TLV705. Inductive impedances
between the input supply and the VIN pin can create significant voltage excursions at the VIN pin during start-up
or load transient events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com