| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EMF21 bảng dữ liệu(PDF) 1 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
EMF21 bảng dữ liệu(HTML) 1 Page - Rohm |
|
1 / 5 page ![]() EMF21 / UMF21N Transistors 1/4 Power management (dual transistors) EMF21 / UMF21N 2SA2018 and DTC114E are housed independently in a EMT6 or UMT6 package. Application Power management circuit Features 1) Power switching circuit in a single package. 2) Mounting cost and area can be cut in half. Structure Silicon epitaxial planar transistor Equivalent circuits R1 R2 DTr2 Tr1 (1) (2) (3) (4) (5) (6) R1=10k Ω R2=10k Ω External dimensions (Units : mm) ROHM : EMT6 EMF21 ROHM : UMT6 EIAJ : SC-88 UMF21N Abbreviated symbol :F21 Abbreviated symbol : F21 1.2 1.6 (1) (2) (5) (3) (6) (4) Each lead has same dimensions 0.1Min. 2.1 1.25 Each lead has same dimensions Package, marking, and packaging specifications Type UMF21N UMT6 F21 TR 3000 Package Marking Code Basic ordering unit(pieces) EMF21 EMT6 F21 T2R 8000 |
Số phần tương tự - EMF21 |
|
Mô tả tương tự - EMF21 |