công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADATE304BBCZ bảng dữ liệu(PDF) 37 Page - Analog Devices

tên linh kiện ADATE304BBCZ
Giải thích chi tiết về linh kiện  200 MHz Dual Integrated DCL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADATE304BBCZ bảng dữ liệu(HTML) 37 Page - Analog Devices

Back Button ADATE304BBCZ Datasheet HTML 33Page - Analog Devices ADATE304BBCZ Datasheet HTML 34Page - Analog Devices ADATE304BBCZ Datasheet HTML 35Page - Analog Devices ADATE304BBCZ Datasheet HTML 36Page - Analog Devices ADATE304BBCZ Datasheet HTML 37Page - Analog Devices ADATE304BBCZ Datasheet HTML 38Page - Analog Devices ADATE304BBCZ Datasheet HTML 39Page - Analog Devices ADATE304BBCZ Datasheet HTML 40Page - Analog Devices ADATE304BBCZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
Data Sheet
ADATE304
Rev. C | Page 37 of 51
RESET OPERATION
The ADATE304 contains an asynchronous reset feature. The
ADATE304 can be reset to the default values shown in Table 20
by utilizing the RST pin.
To initiate the reset operation, deassert the RST pin for a
minimum of 100 ns and deassert the CS pin for a minimum of
two SCLK cycles.
RST
CS
SCLK
100ns
MINIMUM
MINIMUM OF TWO SCLK EDGES AFTER ASSERTING RST BEFORE RESUMING NORMAL OPERATION.
Figure 74. Reset Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51