công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-AD5520EB bảng dữ liệu(PDF) 23 Page - Analog Devices

tên linh kiện EVAL-AD5520EB
Giải thích chi tiết về linh kiện  Per Pin Parametric Measurement Unit/Source Measure Unit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5520EB bảng dữ liệu(HTML) 23 Page - Analog Devices

Back Button EVAL-AD5520EB Datasheet HTML 17Page - Analog Devices EVAL-AD5520EB Datasheet HTML 18Page - Analog Devices EVAL-AD5520EB Datasheet HTML 19Page - Analog Devices EVAL-AD5520EB Datasheet HTML 20Page - Analog Devices EVAL-AD5520EB Datasheet HTML 21Page - Analog Devices EVAL-AD5520EB Datasheet HTML 22Page - Analog Devices EVAL-AD5520EB Datasheet HTML 23Page - Analog Devices EVAL-AD5520EB Datasheet HTML 24Page - Analog Devices EVAL-AD5520EB Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
AD5520
Rev. B | Page 22 of 24
EVALUATION BOARD FOR THE AD5520
A full-featured evaluation kit is available for the AD5520. It
includes an evaluation board with direct hookup via a 36-way
Centronics connector to a PC. PC-based software to control the
AD5520 is also part of the evaluation kit. The evaluation board
schematic is shown in Figure 28.
Note that VDD and VSS must provide sufficient headroom for the
force and measure voltage range. In addition to the supply
voltages for the evaluation board, it is necessary to provide the
voltage levels for the clamp, comparator, and the force input
pins (CLL, CLH, CPL, CPH, and FIN). SMB connections are
provided for these voltage inputs. To use the evaluation board, it
is also necessary to provide a DUT connected via the gold pins.
Both AGND and DGND inputs are provided on the board. The
AGND and DGND planes are connected at one location close
to the AD5520. It is recommended not to connect AGND and
DGND elsewhere in the system to avoid ground loop problems.
REFGND is routed back to AGND at the power block to
maintain a clean ground reference for accurate measurements.
Each supply is decoupled to the relevant ground plane with
10 μF and 0.1 μF capacitors. The device supply pin is again
decoupled with a 10 μF and 0.1 μF capacitor pair to the relevant
ground plane.
Care should be taken when replacing devices to ensure that the
pins line up correctly with the PCB pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com