công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BP2P bảng dữ liệu(PDF) 1 Page - Mini-Circuits

tên linh kiện BP2P
Giải thích chi tiết về linh kiện  Power Splitter/Combiner
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINI [Mini-Circuits]
Trang chủ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BP2P bảng dữ liệu(HTML) 1 Page - Mini-Circuits

  BP2P Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS
(dB)
ABOVE 3.0 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
VSWR
(:1)
f
L-fU
Typ. Min.
Typ.
Max.
Max.
Max.
S-Port
Output-Ports
Typ.
Typ.
1710-1990
30
18
0.5
1.0
3.0
0.2
1.15
1.11
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
2 Way-0°
50Ω
1710 to 1990 MHz
Power Splitter/Combiner
Surface Mount
Electrical Specifications
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-65°C to 150°C
Power Input (as a splitter)
1.5W max.
Internal Dissipation
0.75W max.
Outline Drawing
Outline Dimensions (
)
inch
mm
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
A
B
C
D
E
F
G
.163
.210
.077
.250
.220
.050
.017
4.14
5.33
1.96
6.35
5.59
1.27
0.43
H
J
K
M
N
P
wt
.009
.025
.030
.050
.030
.270 grams
0.23
0.64
0.76
1.27
0.76
6.86
0.10
Features
• low insertion loss, 0.5 dB typ.
• high isolation, 30 dB typ.
• excellent VSWR, 1.10:1 typ.
• excellent power handling, 1.5W
• excellent repeatability
• low profile
• aqueous washable
Applications
• PCS/DCS
• GSM
• WCDMA
Pin Connections
SUM PORT
2
PORT 1
8
PORT 2
5
GROUND
1,3,4,6,7
Demo Board MCL P/N: TB-37
Suggested PCB Layout (PL-053)
Typical Performance Data at 25°C
electrical schematic
Frequency
(MHz)
Total Loss1
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
VSWR
2
S-1
S-2
REV. D
M151107
ED-12348C/5+
BP2P+
RS/LC/CP/AM
150618
BP2P+
BP2P+
TOTAL LOSS
3.3
3.4
3.5
3.6
3.7
3.8
1710 1750 1790 1830
1870 1910 1950 1990
FREQUENCY (MHz)
S-1
S-2
BP2P+
ISOLATION
10
20
30
40
50
1710
1750
1790
1830
1870
1910
1950
1990
FREQUENCY (MHz)
BP2P+
VSWR
1.0
1.1
1.2
1.3
1.4
1.5
1710 1750 1790 1830 1870 1910 1950 1990
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
#2-VSWR
ESD Rating
Human Body Model (HBM): Class 0 (< 250V) in accordance with ANSI/ESD STM 5.1 - 2001
Machine Model (MM): Class M1 (<100V) in accordance with ANSI/ESD STM 5.2 - 1999 (pass 50V)
1710.00
3.41
3.38
0.04
25.17
0.01
1.01
1.14
1.16
1720.00
3.41
3.38
0.04
26.08
0.02
1.01
1.13
1.15
1740.00
3.42
3.38
0.04
28.25
0.03
1.03
1.11
1.13
1760.00
3.43
3.38
0.04
31.09
0.05
1.04
1.10
1.12
1780.00
3.43
3.39
0.04
35.20
0.05
1.06
1.09
1.10
1800.00
3.44
3.39
0.05
42.86
0.05
1.07
1.08
1.09
1840.00
3.46
3.40
0.05
36.84
0.07
1.11
1.07
1.08
1860.00
3.47
3.41
0.06
32.18
0.08
1.13
1.08
1.08
1880.00
3.48
3.42
0.06
29.19
0.09
1.15
1.08
1.09
1900.00
3.49
3.43
0.06
27.01
0.10
1.17
1.10
1.10
1920.00
3.50
3.44
0.06
25.28
0.11
1.19
1.11
1.11
1940.00
3.51
3.45
0.07
23.83
0.11
1.21
1.13
1.13
1960.00
3.52
3.46
0.07
22.62
0.12
1.24
1.15
1.14
1980.00
3.54
3.47
0.07
21.57
0.15
1.26
1.17
1.16
1990.00
3.55
3.48
0.07
21.10
0.16
1.27
1.18
1.17
Permanent damage may occur if any of these limits are
exceeded.
1. Total Loss = Insertion Loss + 3dB splitter loss.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
CASE STYLE: XX211
Available Tape
and Reel
at no extra cos
t
Reel Size Devices/Reel
7”
20, 50, 100, 200, 500, 1000
2000
13”


Số phần tương tự - BP2P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
BP2P1 MINI-BP2P1 Datasheet
280Kb / 1P
Power Splitter/Combiner
More results

Mô tả tương tự - BP2P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
Power Splitter/Combiner
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
Power Splitter/Combiner
ZAPD-4 MINI-ZAPD-4 Datasheet
144Kb / 1P
Power Splitter/Combiner
ZAPD-2DC+ MINI-ZAPD-2DC+ Datasheet
225Kb / 1P
Power Splitter/Combiner
ZC2PD-5R263 MINI-ZC2PD-5R263 Datasheet
258Kb / 2P
Power Splitter/Combiner
ZC4PD-06263-S MINI-ZC4PD-06263-S Datasheet
304Kb / 2P
Power Splitter/Combiner
ZC16PD-2185 MINI-ZC16PD-2185 Datasheet
258Kb / 1P
Power Splitter/Combiner
ZSC-2-1 MINI-ZSC-2-1 Datasheet
158Kb / 1P
Power Splitter/Combiner
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com