công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KBPC3506FP bảng dữ liệu(PDF) 1 Page - Diotec Semiconductor

tên linh kiện KBPC3506FP
Giải thích chi tiết về linh kiện  Single Phase Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOTEC [Diotec Semiconductor]
Trang chủ  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

KBPC3506FP bảng dữ liệu(HTML) 1 Page - Diotec Semiconductor

  KBPC3506FP Datasheet HTML 1Page - Diotec Semiconductor KBPC3506FP Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC3500FP|WP ... KBPC3516FP|WP
KBPC3500FP|WP ... KBPC3516FP|WP
Single Phase Bridge Rectifier
Einphasen-Brückengleichrichter
IFAV = 35 A
VF
< 1.1 V
Tjmax = 150°C
VRRM = 100...1600 V
IFSM1 = 375/400 A
trr
~ 1500 ns
Version 2017-12-04
KBPCxxxxFP
(28.6 x 28.6 x 7.3)
KBPCxxxxWP
(28.6 x 28.6 x 7.3)
Dimensions - Maße [mm]
Typical Application
50/60 Hz Mains Rectification,
Power Supplies
Commercial grade 1)
Typische Anwendung
50/60 Hz Netzgleichrichtung,
Stromversorgungen
Standardausführung 1)
Features
UL recognized, File E175067
VRRM up to 1600 V
FP = Fast-on terminals 2,3)
WP = Wire terminals 3)
Plastic case 4) with isolated
aluminium baseplate
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheit
UL-anerkannt, Liste E175067
VRRM bis zu 1600 V
FP = Fast-on Anschlüsse 2,3)
WP = Drahtanschlüsse 3)
Plastikgehäuse 4) mit
isoliertem Alu-Boden
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Packed in cardboard trays
FP : 240
WP: 160
Verpackt in Einlagekartons
Weight approx.
17 g
Gewicht ca.
Casting compound
UL 94V-0
Vergussmasse
Solder & assembly conditions
260°C/10s Löt- und Einbaubedingungen
MSL N/A
Further available:
Ebenso erhältlich:
KBPC25 00...10 I (Single Inline)
KBPC10/15/25 00...16 FP|WP, KBPC50 00...12 FP
Maximum ratings 5)
Grenzwerte 4)
Type
Typ
Max. alternating input voltage
Max. Eingangswechselspannung
VVRMS [V] 6)
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V] 7)
KBPC3501FP
KBPC3501WP
70
100
KBPC3502FP
KBPC3502WP
140
200
KBPC3504FP
KBPC3504WP
280
400
KBPC3506FP
KBPC3506WP
420
600
KBPC3508FP
KBPC3508WP
560
800
KBPC3510FP
KBPC3510WP
700
1000
KBPC3512FP
KBPC3512WP
800
1200
KBPC3514FP
KBPC3514WP
900
1400
KBPC3516FP
KBPC3516WP
1000
1600
1 Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
For 6.3mm (1/4“) Fast-on connectors; alternatively, solder assembly possible
Für 6.3mm Fast-on Steckverbinder; alternativ Lötmontage möglich
3
Solderable per JESD22-B102E and JESD22-B106C (260°C/10s)
Lötbar gemäß JESD22-B102E und JESD22-B106C (260°C/10s)
4
Edge close to + terminal not present necessarily – Abschrägung nahe + Anschluss nicht zwingend vorhanden
5
TA = 25°C unless otherwise specified – TA = 25°C wenn nicht anders angegeben
6
Eventual superimposed voltage peaks must not exceed VRRM – Evtl. überlagerte Spannungsspitzen dürfen VRRM nicht überschreiten
7
Valid per diode – Gültig pro Diode
1
http://www.diotec.com/
© Diotec Semiconductor AG
Pb
RoHS
28.6
±0.5
21.6
Ø 5.2±0.2
18.1±0.5
16.6±0.5
6.7
+
7.3
+
=
=
+0.7
–0.1
~
~
+1
–2
28.6±0.5
min. 30
Ø 5.2±0.2
18±0.5
11.6±0.5
+
7.3
+
5.3±0.9
+0.7
- 0.1
~
~


Số phần tương tự - KBPC3506FP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diotec Semiconductor
KBPC3506FP DIOTEC-KBPC3506FP Datasheet
339Kb / 2P
Silicon-Bridge-Rectifiers
KBPC3506FP DIOTEC-KBPC3506FP Datasheet
334Kb / 2P
Silicon-Bridge-Rectifiers
KBPC3506FP DIOTEC-KBPC3506FP Datasheet
328Kb / 2P
Silicon-Bridge-Rectifiers
KBPC3506FP DIOTEC-KBPC3506FP Datasheet
353Kb / 2P
Single Phase Bridge Rectifier
KBPC3506FP/WP DIOTEC-KBPC3506FP/WP Datasheet
413Kb / 2P
Silicon-Bridge-Rectifiers
More results

Mô tả tương tự - KBPC3506FP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com