| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS952802 bảng dữ liệu(PDF) 12 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS952802 bảng dữ liệu(HTML) 12 Page - Integrated Circuit Systems |
|
12 / 19 page ![]() 12 Integrated Circuit Systems, Inc. ICS952802 Advance Information 0731—09/18/02 I 2C Table: Slew Rate Control Register Pin # Name Control Function Type 0 1 PWD Bit 7 24/48Slw1 RW - - 0 Bit 6 24/48Slw0 RW - - 0 Bit 5 AGPSlw1 RW - - 0 Bit 4 AGPSlw0 RW - - 0 Bit 3 ZCLKSlw1 RW - - 0 Bit 2 ZCLKSlw0 RW - - 0 Bit 1 REFSlw1 RW - - 0 Bit 0 REFSlw0 RW - - 0 I 2C Table: Slew Rate Control Register Control Function Bit 7 Reserved Reserved RW - - 0 Bit 6 Reserved Reserved RW - - 0 Bit 5 Reserved Reserved RW - - 0 Bit 4 Reserved Reserved RW - - 0 Bit 3 PCI_FSlw1 RW - - 0 Bit 2 PCI_FSlw0 RW - - 0 Bit 1 PCISlw1 RW - - 0 Bit 0 PCISlw0 RW - - 0 I 2C Table: Output Control Register Control Function Bit 7 Reserved Reserved RW - - 0 Bit 6 Reserved Reserved RW - - 0 Bit 5 Reserved Reserved RW - - 0 Bit 4 Reserved Reserved RW - - 0 Bit 3 Reserved Reserved RW - - 0 Bit 2 Reserved Reserved RW - - 0 Bit 1 Reserved Reserved RW - - 0 Bit 0 Reserved Reserved RW - - 0 I 2C Table: Reserved Register Control Function Bit 7 Reserved Reserved RW - - 0 Bit 6 Reserved Reserved RW - - 0 Bit 5 Reserved Reserved RW - - 0 Bit 4 Reserved Reserved RW - - 0 Bit 3 Reserved Reserved RW - - 0 Bit 2 Reserved Reserved RW - - 0 Bit 1 Reserved Reserved RW - - 0 Bit 0 Reserved Reserved RW - - 0 Byte 21 - - - - 24/48 Slew Rate Control AGP Slew Rate Control - - - - ZCLK Slew Rate Control REF Slew Rate Control PWD - - Byte 22 Pin # Name Type 1 0 PWD - Byte 23 Pin # Name Type 1 0 - - - - - - - - - - - PCI Slew Rate Control PCI_F Slew Rate Control - - - - Type 0 1 PWD Byte 24 Pin # Name - - - - - - |