công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD4043312FS bảng dữ liệu(PDF) 49 Page - Hitachi Semiconductor

tên linh kiện HD4043312FS
Giải thích chi tiết về linh kiện  4-bit HMCS400-Series microcomputer with large-capacity memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HITACHI [Hitachi Semiconductor]
Trang chủ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD4043312FS bảng dữ liệu(HTML) 49 Page - Hitachi Semiconductor

Back Button HD4043312FS Datasheet HTML 45Page - Hitachi Semiconductor HD4043312FS Datasheet HTML 46Page - Hitachi Semiconductor HD4043312FS Datasheet HTML 47Page - Hitachi Semiconductor HD4043312FS Datasheet HTML 48Page - Hitachi Semiconductor HD4043312FS Datasheet HTML 49Page - Hitachi Semiconductor HD4043312FS Datasheet HTML 50Page - Hitachi Semiconductor HD4043312FS Datasheet HTML 51Page - Hitachi Semiconductor HD4043312FS Datasheet HTML 52Page - Hitachi Semiconductor HD4043312FS Datasheet HTML 53Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
HD404339 Series
49
Alarm Output Function
The MCU has an alarm output function built in. By setting port mode register C (PMRC: $025), one of
four alarm frequencies supplied from the PSS can be selected.
Selector
System
clock
øPER
Prescaler S (PSS)
2
Alarm output
control signal
BUZZ
Alarm output
controller
Port mode
register C
(PMRC)
Port mode
register A
(PMRA)
Figure 37 Alarm Output Function Block Diagram
Table 9
Port Mode Register C
PMRC
Bit 3
Bit 2
System Clock Divisor
00
÷ 2048
1
÷ 1024
10
÷ 512
1
÷ 256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78