| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLG46110V bảng dữ liệu(PDF) 36 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG46110V bảng dữ liệu(HTML) 36 Page - Dialog Semiconductor |
|
36 / 82 page ![]() 000-0046110-106 Page 35 of 81 SLG46110 10.2.2 3-Bit LUT or D Flip Flop Macrocells Used as D Flip Flop Register Settings Table 28. DFF2 Register Settings Signal Function Register Bit Address Register Definition DFF2 or Latch select reg <242> 0: DFF function 1: Latch function DFF2 output select reg <243> 0: Q output 1: nQ output DFF2 initial polarity select reg <244> 0: Low 1: High DFF2 rstb/setb Select reg <245> 1: setb from matrix out 0: resetb from matrix out LUT3_0 data reg <265:258> LUT3_0 data LUT3_0 or DFF2 select reg <282> 0: LUT3_0 1: DFF2 Table 29. DFF3 Register Settings Signal Function Register Bit Address Register Definition DFF3 or Latch Select reg <250> 0: DFF function 1: Latch function DFF3 Output Select reg <251> 0: Q output 1: nQ output DFF3 rstb/setb Select reg <252> 1: setb from matrix out 0: resetb from matrix out DFF3 initial polarity select reg <253> 0: Low 1: High LUT3_1 data reg <273:266> LUT3_1 data LUT3_1 or DFF3 select reg <283> 0: LUT3_1 1: DFF3 |